Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 8Page - STMicroelectronics L9961 Datasheet HTML 9Page - STMicroelectronics L9961 Datasheet HTML 10Page - STMicroelectronics L9961 Datasheet HTML 11Page - STMicroelectronics L9961 Datasheet HTML 12Page - STMicroelectronics L9961 Datasheet HTML 13Page - STMicroelectronics L9961 Datasheet HTML 14Page - STMicroelectronics L9961 Datasheet HTML 15Page - STMicroelectronics L9961 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
IVB_NORM_DELTA_CONV
Additional current consumption from
VB when Voltage ADC is continuously
converting
135
190
μA
dcADC_CONV
Percentage time for which
IVB_NORM_DELTA_CONV is active(1)
3
80
%
IVB_NORM_DELTA_BAL
Additional current consumption from VB
pin due to 1 Balance ON
Normal condition, additional
contribution for 1 Balance ON
8
12
μA
IVB_NORM_DELTA_FET_HS (2)
Additional current consumption from VB
pin due to 1 Ext FET HS ON
Normal condition, additional
contribution for 1 Ext FET
ON.
HS configuration
No ext R mounted
9
20
μA
IVB_NORM_DELTA_FET_LS
Additional current consumption from VB
pin due to 1 Ext FET LS ON
Normal condition, additional
contribution for 1 Ext FET
ON.
LS configuration
No ext R mounted
15
20
μA
IVB_DELTA
Current consumption from VB pin when
voltage ADC is converting
Application info
350
420
μA
Current ADC is converting
Ext. FETs enabled
TMEAS_CYCLE = 10 ms
VVB_TRAN_NORM
Max allowed transient slope on VB pin
Application info
1
V/μs
1. The current consumption linked to voltage conversion can be calculated as (IVB_NORM_DELTA_CONV *
Duty_cycle_voltage_conversion)/100
2. In HS case an additional current contribution must be added to include the effect of charge pump switching activity at
increased frequency. This contribution is impacted by the ext parasistic capacitances between each CP pin and GND in the
range of 3 μA/pF.
3.2
Wakeup sources (NSHIP/WAKEUP)
L9961 can be woken up via two dedicated pins:
•
NSHIP can be used as wakeup from SHIPMENT - DEEP SLEEP
•
WAKEUP can be used as wakeup from STANDBY.
3.2.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according to the operating range of Table 2; TJ according to the operating range of Table 5.
Table 7. VREG electrical parameters
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VWAKEUP_TH WAKEUP wakeup threshold
0.8
1.8
V
VNSHIP_TH
NSHIP wakeup threshold
1
3
V
TWAKEUP_FIL WAKEUP filter time
40
μs
TNSHIP_FIL
NSHIP filter time
20
μs
RWAKEUP_PD WAKEUP pulldown resistor
60
100
150
kΩ
L9961
Wakeup sources (NSHIP/WAKEUP)
DS14012 - Rev 3
page 12/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com