Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 29Page - STMicroelectronics L9961 Datasheet HTML 30Page - STMicroelectronics L9961 Datasheet HTML 31Page - STMicroelectronics L9961 Datasheet HTML 32Page - STMicroelectronics L9961 Datasheet HTML 33Page - STMicroelectronics L9961 Datasheet HTML 34Page - STMicroelectronics L9961 Datasheet HTML 35Page - STMicroelectronics L9961 Datasheet HTML 36Page - STMicroelectronics L9961 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
Figure 9. Balancing timing diagram
GADG220620221343SA
3.6.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according to the operating range of Table 2; TJ according to the operating range of Table 5.
Table 24. Balancing electrical parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit Pin
RDS_ON
Balancing FET ON
resistance
IOUT=70 mA
20
Ω
Cx
IBAL_MAX
Maximum balancing current For each balancing FET
70
mA
Cx
TON_BAL
Cell balance driver turn on
time
RCx=39 Ω, external Cap 470 nF
From BAL<x>_ON command to
30% of VDS
1
5
12
µs
Cx
TOFF_BAL
Cell balance driver turn off
time
RCx=39 Ω, external Cap 470nF
From BAL<x>_OFF command to
70% of VDS
3
9
20
µs
Cx
TBAL_SETTLING
Settling time before cell
measurement
Tested by SCAN
TMEAS_CYCLE/8
ms
Cx
3.7
HS/LS pre-drivers (CHG/DCHG/FUSE)
L9961 integrates three pre-driver stages aimed at managing pack connection to external loads and chargers.
3.7.1
Battery pack charge/discharge relays (CHG/DCHG)
L9961 uses a dual pre-driver stage to manage the external charge (CHG) and discharge (DCHG) switches. The
pre-driver stage can be configured as high side or low side by programming the CHG_HS_LS and DCHG_HS_LS
field.
The gate driver outputs are enabled in NORMAL mode only, and are in HiZ while in STANDBY or SHIPMENT -
DEEP SLEEP states.
When in NORMAL state, the CHG an DCHG FETs can be commanded ON/OFF using I2C registers:
•
DCHG_ON commands the DCHG FET
•
CHG_ON commands the CHG FE
Several diagnostics may have an impact on CHG/DCHG output state, which can be forced low by L9961
independently of the status of the above commands.
3.7.1.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
L9961
HS/LS pre-drivers (CHG/DCHG/FUSE)
DS14012 - Rev 3
page 33/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com