Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 22Page - STMicroelectronics L9961 Datasheet HTML 23Page - STMicroelectronics L9961 Datasheet HTML 24Page - STMicroelectronics L9961 Datasheet HTML 25Page - STMicroelectronics L9961 Datasheet HTML 26Page - STMicroelectronics L9961 Datasheet HTML 27Page - STMicroelectronics L9961 Datasheet HTML 28Page - STMicroelectronics L9961 Datasheet HTML 29Page - STMicroelectronics L9961 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
CSA total conversion error
TCE =TCE25°C+∆TCE∆TTAMB−25°C
TCE25°C= CSAOFFSETERR+CSAGAIN VISENSEP−VISENSEM
+CSAINLERR* VISENSEP−VISENSEM−VDIFFRANGE *VISENSEP−VISENSEM
VDIFFRANGE
2 2
∆TCE∆T=CSAOFFSETERRTHERMALDRIFT+CSAGAINERRTHERMALDRIFT*VISENSEP−VISENSEM
VDIFFRANGE
(5)
Figure 8. Current sense ADC total conversion error
GADG120820221205SA
0.000
200.000
400.000
600.000
800.000
1000.000
1200.000
1400.000
1600.000
1800.000
Differential input voltage [mV]
|TCE @25°C| [µV] (without post-calibration)
|TCE @25°C| [µV] (with post-calibration)
|TCE @85°C| [µV] (without post-calibration)
|TCE 85°C| [µV] (with post-calibration)
3.5.1.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according to the operating range of Table 2; TJ according to the operating range of Table 5.
Table 18. Current sense ADC electrical parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDIFF_RANGE
ADC differential input range for
coulomb counting and overcurrent
monitor
ISENSEP-ISENSEM
Design info
-200
200
mV
VDIFF_RANGE_EXT
ADC extended differential input
range for short-circuit in discharge
protection
ISENSEP-ISENSEM
Design info
0
300
mV
VCM_RANGE
ADC common mode input range
(ISENSEP+ISENSEM)/2
Design info
-200
200
mV
L9961
Current conversion routine
DS14012 - Rev 3
page 26/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com