Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 35Page - STMicroelectronics L9961 Datasheet HTML 36Page - STMicroelectronics L9961 Datasheet HTML 37Page - STMicroelectronics L9961 Datasheet HTML 38Page - STMicroelectronics L9961 Datasheet HTML 39Page - STMicroelectronics L9961 Datasheet HTML 40Page - STMicroelectronics L9961 Datasheet HTML 41Page - STMicroelectronics L9961 Datasheet HTML 42Page - STMicroelectronics L9961 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
3.8.3
MCU emergency reset (FAULTN_SAFE)
MCU should normally manage the communication with battery charger, ensuring cells are properly charged
to 100% state of charge. In case MCU operation fails, the battery cells could be overcharged, leading to fire/
explosion hazard.
L9961 can reset the MCU should a cell overvoltage condition be detected. This is done connecting the
FAULTN_SAFE open-drain output to the MCU reset pin (active low).
When overvoltage failures are directed to FAULTN_SAFE pin, the output is pulled low for TFAULTN_SAFE_LOW to
allow proper reset of the MCU.
3.8.3.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according to the operating range of Table 2; TJ according to the operating range of Table 5.
Table 29. Digital output electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Pin
TFAULTN_SAFE_LOW
FAULTN_SAFE low interval
Tested by SCAN
85
104
120
μs
FAULTN_SAFE
3.8.4
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according to the operating range of Table 2; TJ according to the operating range of Table 5.
Table 30. Digital output electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
Pin
VIN_L
Low input level
Valid for FAULTN, SDA, SCL
Slow rising ramp on
input pin
0.8
-
1.8
V
SCL, FAULTN
VIN_HYS
Input hysteresis
Valid for FAULTN, SDA, SCL
Input considered high
when VIN > VIN_L +
VIN_HYS
0.1
-
0.5
V
SCL, FAULTN
VOUT_L
Low output level
IOUT = 2 mA
0
-
0.4
V
RDY
VOUT_H
High output level
IOUT = 2 mA
VREG-0.4
-
VREG
V
RDY
TOUT_RISE
Output rise time
Valid for RDY
Cload=120 pF
From 20 to 80% of final
value
5
-
35
ns
RDY
TOUT_FALL
Output fall time
Valid for RDY.
Cload=120 pF
From 80 to 20% of initial
value
5
-
35
ns
RDY
VOPEN_DRAIN
Open-drain equivalent ON
resistance measurement
Valid for SDA, FAULTN,
FAULTN_SAFE, OD
IOD=2 mA
0.02
-
0.15
V
SDA,
FAULTN, OD,
FAULTN_SAFE
3.9
I2C communication interface
L9961 uses an I2C slave peripheral interface to communicate with a host MCU on an addressed I2C bus.
The I2C peripheral uses two lines to implement communication:
SCL (Serial CLock): a digital input receiving clock from the master unit of the I2C bus.
SDA (Serial DAta): a digital input/output used for sending and receiving data clocked by the master unit of
the I2C bus
L9961
I2C communication interface
DS14012 - Rev 3
page 39/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com