Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 7Page - STMicroelectronics L9961 Datasheet HTML 8Page - STMicroelectronics L9961 Datasheet HTML 9Page - STMicroelectronics L9961 Datasheet HTML 10Page - STMicroelectronics L9961 Datasheet HTML 11Page - STMicroelectronics L9961 Datasheet HTML 12Page - STMicroelectronics L9961 Datasheet HTML 13Page - STMicroelectronics L9961 Datasheet HTML 14Page - STMicroelectronics L9961 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
•
From SHIPMENT - DEEP SLEEP state, if NSHIP pin is higher than VNSHIP_TH for at least TWAKEUP_NSHIP.
–
After TSHIP2NORMAL, the VREG regulator has reached its NORMAL state specification. After
TI2C_READY an RDY pulse is generated to mark the transition to NORMAL. This allows the MCU to
fully operate in its normal state, respond to watchdog, serve interrupts, and so on. L9961 is capable of
decoding I2C commands and receives new configurations
–
MCU should still wait for TCP_STARTUP when out of reset, before trying to operate the pre-driver stage
Upon receival of wakeup condition, transitions to other states are masked until NORMAL state has been fully
reached. Once the device enters NORMAL state, the logic starts a TVREG_UV_BLK blanking time on the VREG
UV comparator in order to prevent erroneously flagging UV conditions that would bring L9961 back to STANDBY
state.
Figure 4. Timing diagram: transition from STANDBY to NORMAL upon WAKEUP detection
GADG230620221116SA
*
3.1.4
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according to the operating range of Table 2; TJ according to the operating range of Table 5.
Table 6. L9961 operating states electrical parameters
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
IVB_SHIP
Consumption from VB pin when in
SHIPMENT - DEEP SLEEP
-30 °C< TAMB=TJ <60 °C
2
μA
IVB_STBY
Consumption from VB pin when in
STANDBY
-30 °C< TAMB=TJ <60°C
No load on VREG
5
μA
IVB_NORM
Consumption from VB pin when in
NORMAL
NORMAL state, CHG/DHCG
OFF, no load on VREG,
no communication, Balancing
OFF, NRES and FAULTN
released, CSA disabled.
155
190
μA
IVB_NORM_DELTA_CSA
Additional current consumption from VB
when current ADC is converting
CSA_EN = 1
CC_ACC_EN = 1
OVC_EN = 1
SC_EN = 1
90
125
μA
L9961
Device funcional states
DS14012 - Rev 3
page 11/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com