Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MMREP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL8200MMREP Datasheet HTML 1Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 2Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 3Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 4Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 5Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 6Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 7Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ISL8200MM
FN7690 Rev 2.00
Page 3 of 24
Mar 15, 2013
Pin Configuration
ISL8200MMREP
(23 LD QFN)
TOP VIEW
EN (12)
VIN (13)
PVCC (14)
PGND1 (15)
PHASE (16)
PVIN (17)
(18) PGND
(19) VOUT
(20) OCSET
(21) VCC
(22) PGOOD
(23) NC
PD1
PD2
PD3
PD4
Pin Descriptions
PIN
NUMBER
PIN
NAME
PIN DESCRIPTION
1
VOUT_SET
Analog Voltage Input - Used with VOUT to program the regulator output voltage. The typical input impedance of VSEN1+
with respect to VSEN1- is 600kΩ. The typical input voltage is 0.6V.
2
VSEN_REM-
Analog Voltage Input - This pin is the negative input of standard unity gain operational amplifier for differential remote
sense for the regulator, and should connect to the negative rail of the load/processor. This pin can be used for VOUT
trimming by connecting a resistor from this pin to the VOUT_SET pin.
3
ISFETDRV
Digital Output - This pin is used to drive an optional NFET, which will connect ISHARE with the system ISHARE bus upon
completing a pre-bias start-up. The output voltage range is 0V to 5V.
4, 15
PGND1
Normal Ground - All voltage levels are referenced to this pad. This pad provides a return path for the low-side MOSFET
drives and internal power circuitries as well as all analog signals. PGND and PGND1 should be connected together with a
ground plane.
5
ISET
Analog Current Output - This pin sources a 15μA offset current plus Channel 1’s average current. The voltage (VISET) set
by an external resistor (RISET) represents the average current level of the local active module. For full-scale current, RISET
should be ~10kΩ. The output current range is 15μA to 108μA typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com