Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MMREP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL8200MMREP Datasheet HTML 9Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 10Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 11Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 12Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 13Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 14Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 15Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 16Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ISL8200MM
FN7690 Rev 2.00
Page 13 of 24
Mar 15, 2013
Applications Information
Programming the Output Voltage (RSET)
The ISL8200MMREP has an internal 0.6V ± 0.9% reference
voltage. Programming the output voltage requires a dividing
resistor (RSET) between VOUT_SET pin and VOUT regulation point.
The output voltage can be calculated as shown in Equation 1:
Note: ISL8200MMREP has integrated 2.2kΩ resistances into the
module dividing resistor for bottom side (ROS1). The resistances
for different output voltages are as shown in Table 1:
Typical Performance Curves
FIGURE 18. 4-BOARD CLOCK SYNC (VIN = 12V)
FIGURE 19. OVERCURRENT PROTECTION
FIGURE 20. 50% PRE-BIAS START-UP
VIN = 0V TO 18V
VOUT = 1.2V
IOUT = 0A
VOUT
0.6
1
RSET
ROS
---------------
+



=
(EQ. 1)
TABLE 1. VOUT-RSET
VOUT
0.6V
0.8V
1.0V
1.2V
RSET
0Ω
732Ω
1.47kΩ
2.2kΩ
VOUT
1.5V
1.8V
2.0V
2.5
RSET
3.32kΩ
4.42kΩ
5.11kΩ
6.98kΩ
VOUT
3.3
5.0
6.0
RSET
10kΩ
16.2kΩ
20kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com