Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MMREP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL8200MMREP Datasheet HTML 6Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 7Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 9Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 10Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 11Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 12Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 13Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ISL8200MM
FN7690 Rev 2.00
Page 10 of 24
Mar 15, 2013
Typical Performance Characteristics
Efficiency Performance
TA = +25°C, PVIN = VIN, CIN = 220μFx1, 10μF/Ceramic x 2, COUT = 47μF/Ceramic x 8.
The efficiency equation is:
FIGURE 6. EFFICIENCY vs LOAD CURRENT (5VIN)
FIGURE 7. EFFICIENCY vs LOAD CURRENT (12VIN)
FIGURE 8. EFFICIENCY vs LOAD CURRENT (20VIN)
FIGURE 9. 1.2V TRANSIENT RESPONSE
Efficiency
Output Power
Input Power
-----------------------------------------
POUT
PIN
----------------
VOUTxIOUT

VINxIIN

--------------------------------------
==
=
60
65
70
75
80
85
90
95
100
06
10
LOAD CURRENT (A)
2.5V
1.5V
1.2V
0.8V
24
8
3.3V
60
65
70
75
80
85
90
95
100
LOAD CURRENT (A)
5.0V
06
10
24
8
2.5V
1.5V
1.2V
0.8V
3.3V
60
65
70
75
80
85
90
95
100
LOAD CURRENT (A)
5.0V
06
10
2.5V
1.5V
1.2V
24
8
3.3V
VIN = 12V
VOUT = 1.2V
IOUT = 0A to 5A
IOUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com