Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MMREP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL8200MMREP Datasheet HTML 5Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 6Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 7Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 9Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 10Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 11Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 12Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ISL8200MM
FN7690 Rev 2.00
Page 9 of 24
Mar 15, 2013
OVERVOLTAGE PROTECTION (Note 6)
OV Latching Up Trip Point
EN = UGATE = LATCH Low, LGATE = High
(Note 8)
120
(Note 8)
%
OV Non-Latching Up Trip Point
EN = Low, UGATE = Low, LGATE = High
113
%
LGATE Release Trip Point
EN = Low/HIGH, UGATE = Low, LGATE = Low
87
%
OVER-TEMPERATURE PROTECTION (Note 6)
Over-Temperature Trip
150
°C
Over-Temperature Release Threshold
125
°C
INTERNAL COMPONENT VALUES
Internal Resistor Between PVCC and
VCC pin
RCC
5
Ω
Internal Resistor Between PHASE and
OCSET Pins
RSEN1
2.2k
Ω
Internal Resistor Between FSYNC_IN
and SGND Pins
RFS
59k
Ω
Internal Resistor Between PGOOD and
VCC Pins
RPG
10k
Ω
Internal Resistor Between CLKOUT and
VCC Pins
RCLK
10k
Ω
Internal Resistor Between PH_CNTRL
and VCC Pins
RPHC
10k
Ω
Internal Resistor Between VOUT_SET
and VSEN_REM- pin
ROS1
2.2k
Ω
5. Parameters with TYP limits are not production tested, unless otherwise specified.
6. Parameters are 100% tested for internal IC prior to module assembly.
7. Limits should be considered typical and are not production tested.
8. Refer to Defense Logistics Agency (DLA) drawing number V62/10608 for min/max parameters.
Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note 5)
MAX
UNITS
FIGURE 5. TEST CIRCUIT FOR ALL PERFORMANCE AND DERATING GRAPHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com