Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MMREP Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL8200MMREP Datasheet HTML 16Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 17Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 18Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 19Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 20Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 21Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 22Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 23Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Package Outline Drawing
L23.15x15
23 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE (PUNCH QFN)
Rev 3, 10/10
BOTTOM VIEW
SIDE VIEW
TOP VIEW
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.2;
The configuration of the pin #1 identifier is optional, but must be
3.
either a mold or mark feature.
2.
Dimensions are in millimeters.
1.
NOTES:
Body Tolerance ±0.2mm
1.02
7x 1.9 ±0.05
11x 1.85 ±0.05
4.38
5.82
2.2
13.8
9.9
4.7
4.8
2.0
0.82
3.22
0.2
X4
H AB
35x 0.5
AB
H
0.05 M
7x 0.8
18x 0.75
11
10
9
8
7
6
5
4
3
2
1
16
17
19
22 21 20
23
14
13
12
15
(35x 0.40)
15.0±0.2
15.0±0.2
S 0.2
S
0.05
2.2 ±0.2
8° ALL AROUND
S
0.25
B
11x 0.7
0.2
X4
AB
H
10x 1.1 ±0.1
18x 1.3 ±0.1
3x 2.6
18
3
4
2
1
5
6
7
8
10
9
11
12
13
14
15
16
19
21
18
17
22
20
2.36
2.28
0.90
3.4
4.7
3.4
4.26
0.8
1.34
23
A
15.8±0.2
15.8±0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com