Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MMREP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL8200MMREP Datasheet HTML 16Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 17Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 18Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 19Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 20Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 21Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 22Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 23Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ISL8200MM
FN7690 Rev 2.00
Page 21 of 24
Mar 15, 2013
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you
have the latest revision.
DATE
REVISION
CHANGE
February 1, 2013
FN7690.2
page 1: Sentence added to fourth paragraph: “For example, parallel 2 for 20A and up to 6 for 60A. The output
voltage can be precisely regulated to as low as 0.6V with ±1% output voltage regulation over line, load, and
temperature variations.”
Pin Descriptions table
page 3: Vout_Set: Changed “500” to “600”
page 4:
FF: Changed “The voltages on” to “the voltage on”
Changed “Voltage Input 0.7 to Vcc” to "The input voltage range is 0.8V to Vcc."
VIN: Changed "remained" to "remaining"
Changed “Input Voltage Range 0V to 20V” to “The input voltage range is 4.5V to 20V.”
PVCC: Changed “3V” to “4.5V”
VCC: Changed “2.97V” to “4.5V”
page 5:
Phase Thermal Pad: Added “Connect this pad to a copper island on the PCB board with the same shape as the
PHASE thermal pad.”
PVIN Thermal Pad: Added “Connect this pad to a copper island on the PCB board with the same shape as the
PVIN thermal pad.”
PGND Thermal Pad: Added “Connect this pad to a copper island on the PCB board with the same shape as the
PGND thermal pad.”
VOUT Thermal Pad: Added “Connect this pad to a copper island on the PCB board with the same shape as the
Vout thermal pad.”
Recommended Operating Conditions, page 7
Input Voltage: Separated Vin and PVin into 2 lines
Driver Bias Voltage, PVCC . . . . . . . . . . 3V to 5.6V (Changed “3V to 5.6V” to “4.5V to 5.6V”)
Signal Bias Voltage, VCC . . . . . . . . . . . 3V to 5.6V (Changed “3V to 5.6V” to “4.5V to 5.6”)
Maximum Current (IPVCC) . . . . . . . . . . . 250mA (Changed from 250 to 320)
page 7, Electrical Spec table: Current (IPVCC) Changed TYP from 250 to 320
page 14, Input Supply Voltage section, 2nd paragraph added "it is recommended to add 0.5V to the result to
account for temperature variations."
Equation 2: Changed formula variable from “Vin” to “PVin”
page 16, Current Share section:
Changed "between ICs" to "between ICs, up to 3 phases"
page 16: Overcurrent Protection:
Changed: “In multi-module operation, by connecting modules’ ISHARE pin together, results in the VISHARE
representing the average current of all active channels.” to: "Multi-module operation can be achieved by
connecting the ISHARE pin of two or more modules together. In multi-module operation the voltage on the
ISHARE pin correlates to the average current of all active channels."
Changed: “The total system currents are compared with a precision 1.2V threshold to determine the overcurren
condition as well as each channel having additional overcurrent trip point at 108μA with 7-cycle delay.” to: "The
output current of each module in multi-module operation is compared to a precise 1.2V threshold to determine
the overcurrent condition. Additionally, each module has an overcurrent trip point of 108μA with 7-cycle delay."
page 20, Reflow Parameters, Changed the reflow profile (Figure 33) From:
PEAK TEMPERATURE +230°C~+245°C;
TYPICALLY 60s-70s ABOVE +220°C
KEEP LESS THAN 30s WITHIN 5°C OF PEAK TEMP.
SLOW RAMP (3°C/s MAX)
AND SOAK FROM +100°C
TO +180°C FOR 90s~120s
To:
PEAK TEMPERATURE +215°C~+220°C;
TYPICALLY 60s-70s ABOVE +183°C
KEEP LESS THAN 20s WITHIN 5°C OF PEAK TEMP.
SLOW RAMP (3°C/s MAX)
AND SOAK FROM +100°C
TO +150°C FOR 6
0s~120s
page 23, Package Outline Drawing updated from Rev 2 to Rev 3. Changes were: On page 2 in the "Typical
recommended land pattern", changed number in upper left pad from 22 to 23 since this package has 23 I/O
signal pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com