Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MMREP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL8200MMREP Datasheet HTML 4Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 5Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 6Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 7Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 9Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 10Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 11Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ISL8200MM
FN7690 Rev 2.00
Page 8 of 24
Mar 15, 2013
OSCILLATOR
Oscillator Frequency
FOSC
RFS = 59kΩ;Figure 27
700
kHz
Total Variation (Note 6)
VCC = 5V
(Note 8)
(Note 8)
%
FREQUENCY SYNCHRONIZATION AND PHASE LOCK LOOP (Note 6)
Synchronization Frequency
VCC = 5V
FOSC
(Note 8)
kHz
Input Signal Duty Cycle Range (Note 7)
(Note 8)
50
(Note 8)
%
PWM (Note 6)
Minimum PWM OFF Time
tMIN_OFF
(Note 8)
345
(Note 8)
ns
Current Sampling Blanking Time
tBLANKING
175
ns
OUTPUT CHARACTERISTICS
Output Continuous Current Range
IOUT(DC)
PVIN = VIN = 12V, VOUT = 1.2V
0
10
A
Line Regulation Accuracy
VOUT/VIN VOUT = 1.2V, IOUT = 0A, PVIN = VIN = 3.5V to 20V
0.15
%
VOUT = 1.2V, IOUT = 10A, PVIN = VIN = 5V to 20V
0.15
%
Load Regulation Accuracy
VOUT/IOUT IOUT = 0A to 10A, VOUT = 1.2V, PVIN = VIN = 12V
0.1
%
Output Ripple Voltage
VOUT
IOUT = 10A, VOUT = 1.2V, PVIN = VIN = 12V
30
mVP-P
DYNAMIC CHARACTERISTICS
Voltage Change For Positive Load Step
VOUT-DP IOUT = 0A to 5A. Current slew rate = 2.5A/μs,
PVIN = VIN = 12V, VOUT = 1.2V
45
mVP-P
Voltage Change For Negative Load Step
VOUT-DN IOUT = 5A to 0A. Current slew rate = 2.5A/μs,
PVIN = VIN = 12V, VOUT = 1.2V
55
mVP-P
REFERENCE (Note 6)
Reference Voltage (Include Error and
Differential Amplifiers’ Offsets)
VREF1
0.6
V
(Note 8)
(Note 8)
%
DIFFERENTIAL AMPLIFIER (Note 6)
DC Gain
UG_DA
Unity Gain Amplifier
0
dB
Unity Gain Bandwidth
UGBW_DA
5
MHz
Maximum Source Current for Current
Sharing
IVSEN1-
VSEN1- Source Current for Current Sharing when
parallel multiple modules each of which has its
own voltage loop
350
μA
Output Voltage Swing (Note 7)
0VCC - 1.8
V
Disable Threshold
VVSEN-
VMON1 = Tri-State
VCC - 0.4
V
OVERCURRENT PROTECTION (Note 6)
Channel Overcurrent Limit
ISOURCE
VCC = 2.97V to 5.6V
108
μA
VCC = 5V
(Note 8)
108
(Note 8)
μA
Share Pin OC Threshold
VOC_SET
VCC = 5V
(comparator offset included)
(Note 8)
1.20
(Note 8)
V
POWER-GOOD MONITOR (Note 6)
Undervoltage Falling Trip Point
VUVF
Percentage Below Reference Point
(Note 8)
-13
(Note 8)
%
Undervoltage Rising Hysteresis
VUVR_HYS Percentage Above UV Trip Point
4
%
Overvoltage Rising Trip Point
VOVR
Percentage Above Reference Point
(Note 8)
13
(Note 8)
%
Overvoltage Falling Hysteresis
VOVF_HYS Percentage below OV Trip Point
4
%
PGOOD Low Output Voltage
IPGOOD = 2mA
(Note 8)
V
Sinking Impedance
IPGOOD = 2mA
(Note 8)
Ω
Maximum Sinking Current
VPGOOD <0.8V
10
mA
Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note 5)
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com