Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MMREP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL8200MMREP Datasheet HTML 10Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 11Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 12Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 13Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 14Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 15Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 16Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 17Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ISL8200MM
FN7690 Rev 2.00
Page 14 of 24
Mar 15, 2013
The output voltage accuracy can be improved by maintaining the
impedance at VOUTSET (internal VSEN1+) at or below 1kΩ
effective impedance. Note: the impedance between VSEN1+ and
VSEN1- is about 600kΩ.
Input Supply Voltage Considerations
The module has minimum input voltage at a given output
voltage, which needs to be a minimum of 1.43x output voltage if
operating at FSW = 700kHz switching frequency. This is due to
the Minimum PWM OFF Time (tMIN-OFF).
The equation to determine the minimum VIN to support the
required VOUT is given by Equations 2 and 3: it is recommended
to add 0.5V to the result to account for temperature variations.
tSW = switching period = 1/FSW
for the 700kHz switching frequency = 1428ns
The voltage on PVCC is recommended to be 5V or above for
sufficient gate drive voltage. This can be accomplished by
directly connecting a voltage source greater than or equal to 5V
(but below 5.6V) to both VIN and PVCC when VIN is below 5V.
Selection of the Input Capacitor
The input filter capacitor should be based on how much ripple
the supply can tolerate on the DC input line. The larger the
capacitor, the less ripple expected, but consideration should be
taken for the higher surge current during power-up. The
ISL8200MMREP provides the soft-start function that controls
and limits the current surge. The value of the input capacitor can
be calculated by Equation 4:
Where:
CIN is the input capacitance (μF)
IIN is the input current (A)
t is the turn on time of the high-side switch (μs)
V is the allowable peak-to-peak voltage (V)
In addition to the bulk capacitance, some low Equivalent Series
Inductance (ESL) ceramic capacitance is recommended to
decouple between the drain terminal of the high-side MOSFET
and the source terminal of the low side MOSFET. This is used to
reduce the voltage ringing created by the switching current
across parasitic circuit elements.
Output Capacitors
The ISL8200MMREP is designed for low output voltage ripple.
The output voltage ripple and transient requirements can be met
with bulk output capacitors (COUT) with low enough Equivalent
Series Resistance (ESR). COUT can be a low ESR tantalum
capacitor, a low ESR polymer capacitor or a ceramic capacitor.
The typical capacitance is 330μF and decoupled ceramic output
capacitors are used per phase. The internally optimized loop
compensation provides sufficient stability margins for all
ceramic capacitor applications with a recommended total value
of 300μF per phase. Additional output filtering may be needed if
further reduction of output ripple or dynamic transient spike is
required.
Functional Description
Initialization
The ISL8200MMREP requires VCC and PVCC to be biased by a
single supply. Power-On Reset (POR) circuits continually monitor
the bias voltages (PVCC and VCC) and the voltage at EN pin. The
POR function initiates soft-start operation 384 clock cycles after
the EN pin voltage is pulled to be above 0.8V, all input supplies
exceed their POR thresholds and the PLL locking time expires.
The enable pin can be used as a voltage monitor and to set
desired hysteresis with an internal 30μA sinking current going
through an external resistor divider. The sinking current is
disengaged after the system is enabled. This feature is especially
designed for applications that require higher input rail POR for
better undervoltage protection. For example, in 12V applications,
RUP = 53.6k and RDOWN = 5.23k will set the turn-on threshold
(VEN_RTH) to 10.6V and turn-off threshold (VEN_FTH) to 9V, with
1.6V hysteresis (VEN_HYS).
During shutdown or fault conditions, the soft-start is quickly reset
while UGATE and LGATE immediately change state (<100ns)
upon the input dropping below POR.
Voltage Feed-forward
The voltage applied to the FF pin is fed to adjust the sawtooth
amplitude of the channel. The amplitude the sawtooth is set to
1.25x the corresponding FF voltage when the module is enabled.
This configuration helps to maintain a constant gain
(GM = VIN •DMAX/VRAMP) and input voltage to achieve
optimum loop response over a wide input voltage range. The
sawtooth ramp offset voltage is 1V (equal to 0.8V*1.25), and the
peak of the sawtooth is limited to VCC - 1.4V. With VCC = 5.4V, the
ramp has a maximum peak-to-peak amplitude of VCC - 2.4V
(equal to 3V); thus the feed-forward voltage effective range is
typically 3x as the ramp amplitude ranges from 1V to 3V.
A 384 cycle delay is added after the system reaches its rising
POR and prior to the soft-start. The RC timing at the FF pin should
be sufficiently small to ensure that the input bus reaches its
static state and the internal ramp circuitry stabilizes before soft-
start. A large RC could cause the internal ramp amplitude not to
synchronize with the input bus voltage during output start-up or
when recovering from faults. A 1nF capacitor is recommended as
a starting value for typical application. The voltage on the FF pin
needs to be above 0.7V prior to soft-start and during PWM
switching to ensure reliable regulation. In a typical application,
FF pin can be shorted to EN pin.
PVIN_MIN
VOUT tSW
tSW tMIN_OFF
–
------------------------------------------
=
(EQ. 2)
PVIN_MIN
1.43 VOUT
=
(EQ. 3)
CIN
IIN t
V
-------------------
=
(EQ. 4)
FIGURE 21. SOFT-START INITIALIZATION LOGIC
VCC POR
PVCC POR
EN POR
SOFT-START
HIGH = ABOVE POR; LOW = BELOW POR
OF MODULE
AND
384
PLL LOCKING
CYCLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com