Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MMREP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL8200MMREP Datasheet HTML 15Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 16Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 17Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 18Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 19Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 20Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 21Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 22Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ISL8200MM
FN7690 Rev 2.00
Page 19 of 24
Mar 15, 2013
Thermal Considerations
Experimental power loss curves along with
JA from thermal
modeling analysis can be used to evaluate the thermal
consideration for the module. The derating curves are derived
from the maximum power allowed while maintaining the
temperature below the maximum junction temperature of
+125°C. In actual application, other heat sources and design
margin should be considered.
Package Description
The structure of the ISL8200MMREP belongs to the Quad Flat-
pack No-lead package (QFN). This kind of package has
advantages, such as good thermal and electrical conductivity, low
weight and small size. The QFN package is applicable for surface
mounting technology and is being more readily used in the
industry. The ISL8200MMREP contains several types of devices,
including resistors, capacitors, inductors and control ICs. The
ISL8200MMREP is a copper lead-frame based package with
exposed copper thermal pads, which have good electrical and
thermal conductivity. The copper lead frame and multi component
assembly is overmolded with polymer mold compound to protect
these devices.
The package outline and typical PCB layout pattern design and
typical stencil pattern design are shown in the package outline
drawing L23.15x15 on page 23. The module has a small size of
15mm x 15mm x 2.2mm. Figure 33 shows typical reflow profile
parameters. These guidelines are general design rules. Users
could modify parameters according to their application.
PCB Layout Pattern Design
The bottom of ISL8200MMREP is a lead-frame footprint, which is
attached to the PCB by surface mounting process. The PCB
layout pattern is shown in the Package Outline Drawing
L23.15x15 on page 23. The PCB layout pattern is essentially 1:1
with the QFN exposed pad and I/O termination dimensions,
except for the PCB lands being a slightly extended distance of
0.2mm (0.4mm max) longer than the QFN terminations, which
allows for solder filleting around the periphery of the package.
This ensures a more complete and inspectable solder joint. The
thermal lands on the PCB layout should match 1:1 with the
package exposed die pads.
Thermal Vias
A grid of 1.0mm to 1.2mm pitch thermal vias, which drops down
and connects to buried copper plane(s), should be placed under
the thermal land. The vias should be about 0.3mm to 0.33mm in
diameter with the barrel plated to about 1.0 ounce copper.
Although adding more vias (by decreasing via pitch) will improve
the thermal performance, diminishing returns will be seen as
more and more vias are added. Simply use as many vias as
practical for the thermal land size and your board design rules
allow.
Derating Curves
FIGURE 29. POWER LOSS vs LOAD CURRENT (5VIN)
FIGURE 30. DERATING CURVE (5VIN)
FIGURE 31. POWER LOSS vs LOAD CURRENT (12VIN)
FIGURE 32. DERATING CURVE (12VIN)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
06
10
LOAD CURRENT (A)
8
4
2
0.8V
1.5V
3.3V
0
2
4
6
8
10
12
60
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (°C)
0.8V
1.5V
3.3V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
010
LOAD CURRENT (A)
0.8V
1.5V
2.5V
3.3V
5.0V
2468
0
2
4
6
8
10
12
60
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (°C)
5.0V
3.3V
2.5V
1.5V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com