Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MMREP Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL8200MMREP Datasheet HTML 12Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 13Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 14Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 15Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 16Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 17Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 18Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 19Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ISL8200MM
FN7690 Rev 2.00
Page 16 of 24
Mar 15, 2013
The ISL8200MMREP has the ability to work under a pre-charged
output. The PWM outputs will not feed to the drivers until the first
PWM pulse is seen. The low side MOSFET is being held low for
the first clock cycle to provide charge for the bootstrap capacitor.
If the pre-charged output voltage is greater than the final target
level but less than the 113% setpoint, switching will not start
until the output voltage is reduced to the target voltage and the
first PWM pulse is generated. The maximum allowable
pre-charged level is 113%. If the pre-charged level is above 113%
but below 120%, the output will hiccup between 113% (LGATE
turns on) and 87% (LGATE turns off) while EN is pulled low. If the
pre-charged load voltage is above 120% of the targeted output
voltage, then the controller will be latched off and not be able to
power-up.
The recommended sequence to start-up at cold temperature
is to hold EN pin to ground and release it after PVIN and VIN
voltage has reached steady state.
Power-Good
The Power-Good comparators monitor the voltage on the internal
VMON1 pin. The trip points are shown in Figure 26. PGOOD will
not be asserted until after the completion of the soft-start cycle.
The PGOOD pulls low upon both EN’s disabling it or the internal
VMON1 pin’s voltage is out of the threshold window. PGOOD will
not be asserted until after the completion of the soft-start cycle.
PGOOD will not pull low until the fault is present for three
consecutive clock cycles.
The UV indication is not enabled until the end of soft-start. In a UV
event, if the output drops below -13% of the target level due to
some reason (cases when EN is not pulled low) other than OV,
OC, OT, and PLL faults, PGOOD will be pulled low.
Current Share
The IAVG_CS is the current of the module. ISHARE and ISET pins
source a copy of IAVG_CS with 15μA offset, i.e., the full scale will
be 123μA.
The share bus voltage (VISHARE) set by an external resistor
(RISHARE = RISET/NCTRL) represents the average current of all
active modules. The voltage (VISET) set by RISET represents the
average current of the corresponding module and is compared
with the share bus (VISHARE). The current share error signal
(ICSH_ER) is then fed into the current correction block to adjust
each module’s PWM pulse accordingly. The current share
function provides at least 10% overall accuracy between ICs, up
to 3 phases when using 1% resistor to sense 10mV signal. The
current share bus works for up to 6-phase. Using current sharing
feature of ISL8200MMREP below -40°C ambient is not
recommended. However, the operation of a single module is
acceptable.
When there is only one module in the system, the ISET and
ISHARE pins can be shorted together and grounded via a single
resistor to ensure zero share error - a resistor value of 5k
(paralleling 10k on ISET and ISHARE) will allow operation up to
the OCP level.
Overvoltage Protection (OVP)
The Overvoltage (OV) protection indication circuitry monitors the
voltage on the internal VMON1 pin.
OV protection is active from the beginning of soft-start. An OV
condition (>120%) would latch the IC off (the high-side MOSFET
to latch off permanently; the low-side MOSFET turns on
immediately at the time of OV trip and then turns off
permanently after the output voltage drops below 87%). The EN
and PGOOD are also latched low at OV event. The latch condition
can be reset only by recycling VCC.
There is another non-latch OV protection (113% of target level).
At the condition of EN low and the output over 113% OV, the
lower side MOSFET will turn on until the output drops below 87%.
This is to protect the overall power trains in case of a single
channel of a multi-module system detecting OV. The low-side
MOSFET always turns on at the conditions of EN = LOW and the
output voltage above 113% (all EN pins are tied together) and
turns off after the output drops below 87%. Thus, in a high phase
count application (multi-module mode), all cascaded modules
can latch off simultaneously via the EN pins (EN pins are tied
together in multiphase mode), and each IC shares the same sink
current to reduce the stress and eliminate the bouncing among
phases.
Over-Temperature Protection (OTP)
When the junction temperature of the IC is greater than +150°C
(typically), EN pin will be pulled low to inform other cascaded
channels via their EN pins. All connected ENs stay low and
release after the IC’s junction temperature drops below +125°C
(typically), a +25°C hysteresis (typically).
Overcurrent Protection (OCP)
The OCP function is enabled at start-up. The module’s output
current (ICS1) plus a fixed internal 15μA offset forms a voltage
(VISHARE) across the external resistor, RISHARE. VISHARE is
compared with a precision internal 1.2V threshold. The Channel
Overcurrent Limit ‘108μA OCP’ comparator, waits 7-cycles before
monitoring for an OCP condition.
FIGURE 26. POWER-GOOD THRESHOLD WINDOW
-13%
-9%
VREF
+9%
+13%
VMON1
END OF SS1
AND
PGOOD
CHANNEL 1 UV/OV
+20%
PGOOD
PGOOD LATCH OFF AFTER 120% OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com