Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MMREP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL8200MMREP Datasheet HTML 14Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 15Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 16Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 17Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 18Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 19Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 20Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 21Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ISL8200MM
FN7690 Rev 2.00
Page 18 of 24
Mar 15, 2013
By connecting the FSYNC_IN pin to an external square pulse
waveform (such as the CLKOUT signal, typically 50% duty cycle
from another ISL8200MMREP), the ISL8200MMREP will
synchronize its switching frequency to the fundamental
frequency of the input waveform. The maximum voltage to the
FSYNC_IN pin is VCC + 0.3V. The Frequency Synchronization
feature will synchronize the leading edge of the CLKOUT signal
with the falling edge of Channel 1’s PWM clock signal. CLKOUT is
not available until the PLL locks.
The locking time is typically 130μs for FSW = 500kHz. EN is not
released for a soft-start cycle until FSYNC is stabilized and the
PLL is in locking. It is recommended to connect all EN pins
together in multiphase configuration.
The loss of a synchronization signal for 13 clock cycles causes
the IC to be disabled until the PLL returns locking, at which point
a soft-start cycle is initiated and normal operation resumes.
Holding FSYNC_IN low will disable the IC.
Setting Relative Phase-Shift on CLKOUT
Depending upon the voltage level at PH_CNTRL, set by the VCC
resistor divider output, the ISL8200MMREP operates with
CLKOUT phase shifted, as shown in Table 3. The phase shift is
latched as VCC raises above POR so it cannot be changed
on-the-fly.
Layout Guide
To achieve stable operation, low losses, and good thermal
performance some layout considerations are necessary.
• The ground connection between PGND1 (pin 15) and PGND
(pin 18) should be a solid ground plane under the module.
• Place a high frequency ceramic capacitor between (1) PVIN
and PGND (pin 18) and (2) a 10μF between PVCC and PGND1
(pin 15) as close to the module as possible to minimize high
frequency noise. High frequency ceramic capacitors close to
the module between VOUT and PGND will help to minimize
noise at the output ripple.
• Use large copper areas for power path (PVIN, PGND, VOUT) to
minimize conduction loss and thermal stress. Also, use
multiple vias to connect the power planes in different layers.
• Keep the trace connection to the feedback resistor short.
• Use remote sensed traces to the regulation point to achieve a
tight output voltage regulation, and keep them in parallel.
Route a trace from VSEN_REM- to a location near the load
ground, and a trace from feedback resistor to the point-of-load
where the tight output voltage is desire.
• Avoid routing any sensitive signal traces, such as the VOUT and
VSENREM- sensing point near the PHASE pin.
• FSYNC_IN is a sensitive pin. If it not use for receiving external
synchronization signal, then keep the trace connecting to the
pin short. A bypass capacitor value 100pF connecting between
FSYNC_IN pin and GND1 can help to bypass the noise
sensitivity on the pin.
700
800
900
1000
1100
1200
1300
1400
1500
0
100
200
300
400
RFS-EXT (kΩ)
FIGURE 27. RFS-EXT vs SWITCHING FREQUENCY
TABLE 3.
DECODING
PH_CNTRL RANGE
PHASE FOR CLKOUT WRT
CHANNEL 1
REQUIRED
PH_CNTRL
<29% of VCC
-60°
15% VCC
29% to 45% of VCC
90°
37% VCC
45% to 62% of VCC
120°
53% VCC
62% to VCC
180°
VCC
FIGURE 28. RECOMMENDED LAYOUT
VOUT
PGND
PVIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com