Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MMREP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL8200MMREP Datasheet HTML 1Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 2Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 3Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 4Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 5Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 6Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 7Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FN7690 Rev 2.00
Page 1 of 24
Mar 15, 2013
FN7690
Rev 2.00
Mar 15, 2013
ISL8200MM
Complete Current Share 10A DC/DC Power Module
DATASHEET
The ISL8200MMREP is a simple and easy to use high power,
current-sharing DC/DC power module for
Datacom/Telecom/FPGA power hungry applications. All that is
needed is the ISL8200MMREP, a few passive components and
one VOUT setting resistor to have a complete 10A design ready
for market.
The ease of use virtually eliminates the design and
manufacturing risks while dramatically improving time to
market.
Need more output current? Just simply parallel up to six
ISL8200MMREP modules to scale up to a 60A solution (see
Figure 6 on page 10).
The simplicity of the ISL8200MMREP is in its “Off The Shelf”,
unassisted implementation. Patented current sharing in multi-
phase operation greatly reduces ripple currents, BOM cost and
complexity. For example, parallel 2 for 20A and up to 6 for
60A. The output voltage can be precisely regulated to as low
as 0.6V with ±1% output voltage regulation over line, load, and
temperature variations.
The ISL8200MMREP’s thermally enhanced, compact QFN
package, operates at full load and over-temperature, without
requiring forced air cooling. It's so thin it can even fit on the
back side of the PCB. Easy access to all pins with few external
components, reduces the PCB design to a component layer
and a simple ground layer.
Features
• Specifications per DLA VID V62/10608
• Full mil-temp electrical performance from -55°C to +125°C
• Full traceability through assembly and test by date/trace
code assignment
• Enhanced process change notification
• Enhanced obsolescence management
• Complete switch mode power supply in one package
• Patented current share architecture reduces layout sensitivity
when modules are paralleled
• Programmable phase shift (1, 2, 3, 4, and 6 phase)
• Extremely low profile (2.2mm height)
• Input voltage range +3.0V to +20V at 10A, current share up to
60A
• A Single resistor sets VOUT from +0.6V to +6V
• Output overvoltage, overcurrent and over-temperature, built-in
protection and undervoltage indication
Applications
• Servers, telecom and datacom applications
• Industrial and medical equipment
• Point of load regulation
Related Literature
• iSim Model - (See Product Information page ISL8200MM)
Complete Functional Schematic
FIGURE 1. COMPLETE 10A DESIGN, JUST SELECT RSET FOR THE
DESIRED VOUT
ISL8200MMREP Package
FIGURE 2. THE 2.2mm HEIGHT IS IDEAL FOR THE BACKSIDE OF
PCBS WHEN SPACE AND HEIGHT IS A PREMIUM
15mm
15mm
2.2mm
NOT RECOMMENDED FOR NEW DESIGNS
RECOMMENDED REPLACEMENT PART
ISL8200AM


Similar Part No. - ISL8200MMREP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8200M INTERSIL-ISL8200M Datasheet
1Mb / 23P
Complete Current Share 10A DC/DC Power Supply
December 22, 2009
ISL8200M INTERSIL-ISL8200M Datasheet
1Mb / 23P
Complete Current Share 10A DC/DC Power Module
February 26, 2010
logo
Renesas Technology Corp
ISL8200M RENESAS-ISL8200M Datasheet
2Mb / 25P
Complete Current Share 10A DC/DC Power Module
ISL8200MEVAL1PHZ RENESAS-ISL8200MEVAL1PHZ Datasheet
2Mb / 25P
Complete Current Share 10A DC/DC Power Module
logo
Intersil Corporation
ISL8200MIRZ INTERSIL-ISL8200MIRZ Datasheet
1Mb / 23P
Complete Current Share 10A DC/DC Power Supply
December 22, 2009
More results

Similar Description - ISL8200MMREP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8200M INTERSIL-ISL8200M Datasheet
1Mb / 23P
Complete Current Share 10A DC/DC Power Supply
December 22, 2009
ISL8204M INTERSIL-ISL8204M Datasheet
1Mb / 20P
Complete High Efficiency DC/DC Power Module
February 25, 2010
ISL8200M INTERSIL-ISL8200M_10 Datasheet
1Mb / 23P
Complete Current Share 10A DC/DC Power Module
February 26, 2010
ISL8200AM INTERSIL-ISL8200AM Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
September 13, 2012
ISL8200AMM INTERSIL-ISL8200AMM Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
November 27, 2012
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
Digital DC/DC PMBus 10A Power Module
March 5, 2013
logo
Renesas Technology Corp
ISL8200M RENESAS-ISL8200M Datasheet
2Mb / 25P
Complete Current Share 10A DC/DC Power Module
ISL8200AM RENESAS-ISL8200AM Datasheet
1Mb / 25P
Complete Current Share 10A DC/DC Power Module
ISL8204M RENESAS-ISL8204M Datasheet
1Mb / 19P
Complete High Efficiency DC/DC Power Module
ISL8200AMM RENESAS-ISL8200AMM Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
June 3, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com