Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MMREP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL8200MMREP Datasheet HTML 1Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 2Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 3Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 4Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 5Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 6Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 7Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ISL8200MM
FN7690 Rev 2.00
Page 5 of 24
Mar 15, 2013
23
NC
Not internally connected.
PD1
Phase Thermal Pad Used for both the PHASE pin (Pin # 16) and for heat removal connecting to heat dissipation layers using Vias. Connect this
pad to a copper island on the PCB board with the same shape as the PHASE thermal pad. Potential should be floating and
not electrically connected to anything except PHASE pin.
PD2
VIN Thermal Pad Used for both the PVIN pin (Pin # 17) and for heat removal connecting to heat dissipation layers using Vias. Connect this
pad to a copper island on the PCB board with the same shape as the VIN thermal pad. Potential should be floating and
not electrically connected to anything except VPVIN pin.
PD3
PGND Thermal Pad Used for both the PGND pin (Pin # 18) and for heat removal connecting to heat dissipation layers using Vias. Connect this
pad to a copper island on the PCB board with the same shape as the PGND thermal pad. Potential should be floating and
not electrically connected to anything except PGND pin.
PD4
VOUT Thermal Pad Used for both the VOUT pin (Pin # 19) and for heat removal connecting to heat dissipation layers using Vias. Connect this
pad to a copper island on the PCB board with the same shape as the VOUT thermal pad. Potential should be floating and
not electrically connected to anything except VOUT pin.
Pin Descriptions (Continued)
PIN
NUMBER
PIN
NAME
PIN DESCRIPTION
Typical Application Circuits
FIGURE 3. SINGLE PHASE 10A 1.2V OUTPUT CIRCUIT
(See Table 1,
VOUT - RSET on page 13)
ISL8200MMREP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com