Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MMREP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL8200MMREP Datasheet HTML 16Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 17Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 18Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 19Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 20Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 21Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 22Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 23Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ISL8200MM
FN7690 Rev 2.00
Page 20 of 24
Mar 15, 2013
Stencil Pattern Design
Reflowed solder joints on the perimeter I/O lands should have about a
50μm to 75μm (2mil to 3mil) standoff height. The solder paste stencil
design is the first step in developing optimized, reliable solder joins.
Stencil aperture size to land size ratio should typically be 1:1. The
aperture width may be reduced slightly to help prevent solder bridging
between adjacent I/O lands. To reduce solder paste volume on the
larger thermal lands, it is recommended that an array of smaller
apertures be used instead of one large aperture. It is recommended
that the stencil printing area cover 50% to 80% of the PCB layout
pattern. A typical solder stencil pattern is shown in the Package
Outline Drawing L23.15x15 on page 23. The gap width between pad
to pad is 0.6mm. The user should consider the symmetry of the whole
stencil pattern when designing its pads. A laser cut, stainless steel
stencil with electropolished trapezoidal walls is recommended.
Electropolishing “smooths” the aperture walls resulting in reduced
surface friction and better paste release which reduces voids. Using a
trapezoidal section aperture (TSA) also promotes paste release and
forms a “brick like” paste deposit that assists in firm component
placement. A 0.1mm to 0.15mm stencil thickness is recommended
for this large pitch (1.3mm) QFN.
Reflow Parameters
Due to the low mount height of the QFN, “No Clean” Type 3 solder paste
per ANSI/J-STD-005 is recommended. Nitrogen purge is also
recommended during reflow. A system board reflow profile depends on
the thermal mass of the entire populated board, so it is not practical to
define a specific soldering profile just for the QFN. The profile given in
Figure 33 is provided as a guideline, to be customized for varying
manufacturing practices and applications.
FIGURE 33. TYPICAL REFLOW PROFILE
0
300
100
150
200
250
350
0
50
100
150
200
250
300
DURATION (s)
SLOW RAMP (3°C/s MAX)
AND SOAK FROM +100°C
TO +150°C FOR 60s~120s
RAMP RATE £1.5°C FROM +70°C TO +90°C
PEAK TEMPERATURE +215°C~+220°C;
TYPICALLY 60s-70s ABOVE +183°C
KEEP LESS THAN 20s WITHIN 5°C OF PEAK TEMP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com