Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MCF5373CAB180
Description  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MCF5373CAB180 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 25Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 26Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 27Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 28Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Preliminary Electrical Characteristics
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Freescale Semiconductor
25
SD4
Pulse Width Low
tSDCKH
0.45
0.55
SD_CLK
4
SD5
Address, SD_CKE, SD_CAS, SD_RAS, SD_WE, SD_BA,
SD_CS[1:0] - Output Valid
tSDCHACV
—0.5
× SD_CLK
+1.0
ns
SD6
Address, SD_CKE, SD_CAS, SD_RAS, SD_WE, SD_BA,
SD_CS[1:0] - Output Hold
tSDCHACI
2.0
—
ns
SD7
SD_SDR_DQS Output Valid
tDQSOV
—
Self timed
ns
5
SD8
SD_DQS[3:0] input setup relative to SD_CLK
tDQVSDCH
0.25
×
SD_CLK
0.40
× SD_CLK
ns
6
SD9
SD_DQS[3:2] input hold relative to SD_CLK
tDQISDCH
Does not apply. 0.5
×SD_CLK fixed
width.
7
SD10
Data (D[31:0]) Input Setup relative to SD_CLK (reference
only)
tDVSDCH
0.25
×
SD_CLK
—ns
8
SD11
Data Input Hold relative to SD_CLK (reference only)
tDISDCH
1.0
—
ns
SD12
Data (D[31:0]) and Data Mask(SD_DQM[3:0]) Output Valid
tSDCHDMV
—0.75
× SD_CLK
+ 0.5
ns
SD13
Data (D[31:0]) and Data Mask (SD_DQM[3:0]) Output Hold
tSDCHDMI
1.5
—
ns
NOTES:
1
The device supports same frequency of operation for both FlexBus and SDRAM clock operates as that of the internal bus clock.
Please see the PLL chapter of the MCF5373 Reference Manual for more information on setting the SDRAM clock rate.
2
SD_CLK is one SDRAM clock in (ns).
3
Pulse width high plus pulse width low cannot exceed min and max clock period.
4
Pulse width high plus pulse width low cannot exceed min and max clock period.
5
SD_DQS is designed to pulse 0.25 clock before the rising edge of the memory clock. This is a guideline only. Subtle variation
from this guideline is expected. SD_DQS will only pulse during a read cycle and one pulse will occur for each data beat.
6
SDR_DQS is designed to pulse 0.25 clock before the rising edge of the memory clock. This spec is a guideline only. Subtle
variation from this guideline is expected. SDR_DQS will only pulse during a read cycle and one pulse will occur for each data
beat.
7
The SDR_DQS pulse is designed to be 0.5 clock in width. The timing of the rising edge is most important. The falling edge does
not affect the memory controller.
8
Since a read cycle in SDR mode still uses the DQS circuit within the device, it is most critical that the data valid window be
centered 1/4 clk after the rising edge of DQS. Ensuring that this happens will result in successful SDR reads. The input setup
spec is just provided as guidance.
Table 11. SDR Timing Specifications (continued)
Symbol
Characteristic
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com