Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MCF5373CAB180
Description  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MCF5373CAB180 Datasheet HTML 25Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 26Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 27Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 28Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 29Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 30Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 31Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 32Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Preliminary Electrical Characteristics
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Freescale Semiconductor
29
Figure 17. DDR Read Timing
5.9
General Purpose I/O Timing
Table 13. GPIO Timing1
NOTES:
1
GPIO pins include: IRQn, PWM, UART, and Timer pins.
Num
Characteristic
Symbol
Min
Max
Unit
G1
FB_CLK High to GPIO Output Valid
tCHPOV
—10
ns
G2
FB_CLK High to GPIO Output Invalid
tCHPOI
1.5
—
ns
G3
GPIO Input Valid to FB_CLK High
tPVCH
9—
ns
G4
FB_CLK High to GPIO Input Invalid
tCHPI
1.5
—
ns
SD_CLK
SD_CSn,SD_WE,
SD_DQS3/SD_DQS2
D[31:24]/D[23:16]
A[13:0]
SD_RAS, SD_CAS
CMD
ROW
DD1
DD5
DD4
WD1 WD2 WD3 WD4
SD_DQS3/SD_DQS2
DD9
SD_CLK
DD3
DD2
D[31:24]/D[23:16]
WD1 WD2 WD3 WD4
DD10
CL=2
CL=2.5
COL
DQS Read
Preamble
DQS Read
Postamble
DQS Read
Preamble
DQS Read
Postamble



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com