Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MCF5373CAB180
Description  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MCF5373CAB180 Datasheet HTML 31Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 32Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 33Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 34Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 35Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 36Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 37Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 38Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Preliminary Electrical Characteristics
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Freescale Semiconductor
35
Figure 23 shows MII transmit signal timings listed in Table 19.
Figure 23. MII Transmit Signal Timing Diagram
5.14.3 MII Async Inputs Signal Timing (FEC_CRS and FEC_COL)
Table 20 lists MII asynchronous inputs signal timing.
Figure 24 shows MII asynchronous input timings listed in Table 20.
Figure 24. MII Async Inputs Timing Diagram
5.14.4 MII Serial Management Channel Timing (FEC_MDIO and
FEC_MDC)
Table 21 lists MII serial management channel timings. The FEC functions correctly with a maximum
MDC frequency of 2.5 MHz.
Table 20. MII Async Inputs Signal Timing
Num
Characteristic
Min
Max
Unit
M9
FEC_CRS, FEC_COL minimum pulse width
1.5
—
FEC_TXCLK period
Table 21. MII Serial Management Channel Timing
Num
Characteristic
Min
Max
Unit
M10
FEC_MDC falling edge to FEC_MDIO output invalid (minimum
propagation delay)
0—
ns
M11
FEC_MDC falling edge to FEC_MDIO output valid (max prop delay)
—
25
ns
M12
FEC_MDIO (input) to FEC_MDC rising edge setup
10
—
ns
M13
FEC_MDIO (input) to FEC_MDC rising edge hold
0
—
ns
M6
FEC_TXCLK (input)
FEC_TXD[3:0] (outputs)
FEC_TXEN
FEC_TXER
M5
M7
M8
FEC_CRS
M9
FEC_COL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com