Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MCF5373CAB180
Description  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MCF5373CAB180 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 15Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 16Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Preliminary Electrical Characteristics
Freescale Semiconductor
14
5
Preliminary Electrical Characteristics
This document contains electrical specification tables and reference timing diagrams for the MCF5373
microcontroller unit. This section contains detailed information on power considerations, DC/AC
electrical characteristics, and AC timing specifications of MCF5373.
The electrical specifications are preliminary and are from previous designs or design simulations. These
specifications may not be fully tested or guaranteed at this early stage of the product life cycle, however
for production silicon these specifications will be met. Finalized specifications will be published after
complete characterization and device qualifications have been completed.
NOTE
The parameters specified in this MCU document supersede any values
found in the module specifications.
5.1
Maximum Ratings
Table 4. Absolute Maximum Ratings1, 2
NOTES:
1
Functional operating conditions are given in Section 5.4, “DC Electrical Specifications.”
Absolute maximum ratings are stress ratings only, and functional operation at the maxima is
not guaranteed. Continued operation at these levels may affect device reliability or cause
permanent damage to the device.
2
This device contains circuitry protecting against damage due to high static voltage or
electrical fields; however, it is advised that normal precautions be taken to avoid application of
any voltages higher than maximum-rated voltages to this high-impedance circuit. Reliability of
operation is enhanced if unused inputs are tied to an appropriate logic voltage level (e.g.,
either VSS or EVDD).
Rating
Symbol
Value
Unit
Core Supply Voltage
IVDD
– 0.5 to +2.0
V
CMOS Pad Supply Voltage
EVDD
– 0.3 to +4.0
V
DDR/Memory Pad Supply Voltage
SDVDD
– 0.3 to +4.0
V
PLL Supply Voltage
PLLVDD
– 0.3 to +2.0
V
Digital Input Voltage 3
3
Input must be current limited to the value specified. To determine the value of the required
current-limiting resistor, calculate resistance values for positive and negative clamp voltages,
then use the larger of the two values.
VIN
– 0.3 to +3.6
V
Instantaneous Maximum Current
Single pin limit (applies to all pins) 3, 4, 5
4
All functional non-supply pins are internally clamped to VSS and EVDD.
ID
25
mA
Operating Temperature Range (Packaged)
TA
(TL - TH)
– 40 to +85
°C
Storage Temperature Range
Tstg
– 55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com