Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MCF5373CAB180
Description  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MCF5373CAB180 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 15Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 16Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Preliminary Electrical Characteristics
Freescale Semiconductor
16
For most applications PI/O < PINT and can be ignored. An approximate relationship between PD and TJ (if
PI/O is neglected) is:
Eqn. 2
Solving equations 1 and 2 for K gives:
Eqn. 3
where K is a constant pertaining to the particular part. K can be determined from Equation 3 by measuring
PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ can be obtained by
solving Equation 1 and Equation 2 iteratively for any value of TA.
5.3
ESD Protection
5.4
DC Electrical Specifications
Table 6. ESD Protection Characteristics1, 2
NOTES:
1
All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for
Automotive Grade Integrated Circuits.
2
A device is defined as a failure if after exposure to ESD pulses the device no longer meets
the device specification requirements. Complete DC parametric and functional testing is
performed per applicable device specification at room temperature followed by hot
temperature, unless specified otherwise in the device specification.
Characteristics
Symbol
Value
Units
ESD Target for Human Body Model
HBM
2000
V
Table 7. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Core Supply Voltage
IVDD
1.4
1.6
V
PLL Supply Voltage
PLLVDD
1.4
1.6
V
CMOS Pad Supply Voltage
EVDD
3.0
3.6
V
Mobile DDR/Bus Pad Supply Voltage
SDVDD
1.65
1.95
V
DDR/Bus Pad Supply Voltage
SDVDD
2.25
2.75
V
SDR/Bus Pad Supply Voltage
SDVDD
3.0
3.6
V
USB Supply Voltage
USBVDD
3.0
3.6
V
CMOS Input High Voltage
EVIH
2EVDD +0.05
V
CMOS Input Low Voltage
EVIL
-0.05
0.8
V
Mobile DDR/Bus Input High Voltage
SDVIH
TBD
SDVDD +0.05
V
Mobile DDR/Bus Input Low Voltage
SDVIL
-0.05
TBD
V
DDR/Bus Input High Voltage
SDVIH
2SDVDD +0.05
V
DDR/Bus Input Low Voltage
SDVIL
-0.05
0.8
V
PD
K
TJ 273°C
+
()
---------------------------------
=
KPD
TA 273°C
×
() Q
JMA
PD
2
×
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com