Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MCF5373CAB180
Description  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCF5373CAB180 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Ordering Information
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Freescale Semiconductor
3
2
Ordering Information
3
Signal Descriptions
The following table lists all the MCF537x pins grouped by function. The “Dir” column is the direction for
the primary function of the pin only. Refer to Section 4, “Mechanicals and Pinouts,” for package diagrams.
For a more detailed discussion of the MCF537x signals, consult the MCF5373 Reference Manual
(MCF5373RM).
NOTE
In this table and throughout this document a single signal within a group is
designated without square brackets (i.e., A23), while designations for
multiple signals within a group use brackets (i.e., A[23:21]) and is meant to
include all signals within the two bracketed numbers when these numbers
are separated by a colon.
NOTE
The primary functionality of a pin is not necessarily its default functionality.
Pins that are muxed with GPIO will default to their GPIO functionality.
Table 2. Orderable Part Numbers
Freescale Part
Number
Description
Speed
Temperature
MCF5372CAB180
MCF5372 RISC Microprocessor, 160 QFP
180 MHz
–40
° to +85° C
MCF5372LCVM240
MCF5372 RISC Microprocessor, 196 MAPBGA
240 MHz
–40
° to +85° C
MCF5373CAB180
MCF5373 RISC Microprocessor, 160 QFP
180 MHz
–40
° to +85° C
MCF5373LCVM240
MCF5373 RISC Microprocessor, 256 MAPBGA
240 MHz
–40
° to +85° C
Table 3. MCF5372/3 Signal Information and Muxing
Signal Name
GPIO
Alternate 1
Alternate 2
Dir.1
MCF5372
MCF5373
160 QFP
MCF5372L
MCF5373L
196 MAPBGA
Reset
RESET2
—
—
—
I
95
K13
RSTOUT
—
—
—
O
86
L12
Clock
EXTAL
—
—
—
I
91
L14
XTAL2
—
—
—
O
93
K14
EXTAL32K
—
—
—
I
—
P13
XTAL32K
—
—
—
O
—
N13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com