Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MCF5373CAB180
Description  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MCF5373CAB180 Datasheet HTML 27Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 28Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 29Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 30Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 31Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 32Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 33Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 34Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Preliminary Electrical Characteristics
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Freescale Semiconductor
31
NOTE
Refer to the CCM chapter of the MCF5373 Reference Manual for more
information.
5.11 USB On-The-Go
The MCF5373 device is compliant with industry standard USB 2.0 specification.
5.12 SSI Timing Specifications
The following figure and table lists the specifications for the SSI module.
Figure 20. SSI External Continous Clock Timing Diagram
Table 15. SSI Timing
Num
Description
1.8 +/- 0.10V
Unit
Minimum
Maximum
S1
SSI_BCLK clock period
1/(64fs)
1
49
ns
S2
SSI_BCK high-level time
35
—
ns
S3
SSI_BCK low-level time
35
—
ns
SSI_BCLK
S2
STFS
STFS
S3
SSI_TXD (Output)
SSI_RXD (Input)
S1
S4
S5
Note: SSI External. Continous clock Synchronous mode only
SSI_MCLK
S6
S7
S6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com