Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MCF5373CAB180
Description  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MCF5373CAB180 Datasheet HTML 34Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 35Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 36Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 37Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 38Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 39Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 40Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 41Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 42Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Revision History
Freescale Semiconductor
40
Figure 31 shows real-time trace timing for the values in Table 25.
Figure 31. Real-Time Trace AC Timing
Figure 32 shows BDM serial port AC timing and BKPT pin timing for the values in Table 25.
Figure 32. BDM Serial Port AC Timing
6
Revision History
Table 26. MCF5373DS Document Revision History
Rev. No.
Substantive Changes
Date of Release
0
• Initial release.
11/2005
0.1
• Swapped pin locations PLL_VSS (J11->H11) and DRAMSEL
(H11->J11) in Table 3. Figure 1 is correct.
12/2005
0.2
• Added not to Section 4, “Mechanicals and Pinouts.”
• Added “top view” and “bottom view” where appropriate in mechanical
drawings and pinout figures.
• Figure 10: Corrected “FB_CLK (75MHz)” label to “FB_CLK (80MHz)”
3/2006
0.3
• Changed 160QFP pinouts in Figure 3 and Table 3: Removed IRQ3
pin, shifted pins 89–99 up one pin to 90–100. Pin 89 is now VSS.
• Table 3: Rearranged GPIO signal names for FEC pins.
• Removed ULPI specifications as the device does not support ULPI.
4/2006
PSTCLK
PST[3:0]
DE2
DE1
DDATA[3:0]
DE0
DSI
DSO
Current
Next
FB_CLK
Past
Current
DSCLK
DE3
DE4
DE5
BKPT
DE6
DE7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com