Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MCF5373CAB180
Description  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCF5373CAB180 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Mechanicals and Pinouts
Freescale Semiconductor
10
4.2
Package Dimensions—196 MAPBGA
Figure 2 shows the MCF5373LCVM240 and MCF5372LCVM240 package dimensions.
Figure 2. 196 MAPBGA Package Dimensions (Case No. 1128A-01)
X
0.20
Laser mark for pin 1
identification in
this area
e
13X
D
E
M
S
A1
A2
A
0.15 Z
0.30 Z
Z
Rotated 90 Clockwise
Detail K
°
5
View M-M
e
13X
S
M
X
0.30
Y
Z
0.10 Z
3
b
196X
Metalized mark for
pin 1 identification
in this area
14 13 12 11
5
4
3
2
B
C
D
E
F
G
H
J
K
L
4
NOTES:
1. Dimensions are in millimeters.
2. Interpret dimensions and tolerances
per ASME Y14.5M, 1994.
3. Dimension B is measured at the
maximum solder ball diameter,
parallel to datum plane Z.
4. Datum Z (seating plane) is defined
by the spherical crowns of the solder
balls.
5. Parallelism measurement shall
exclude any effect of mark on top
surface of package.
DIM
Min Max
Millimeters
A 1.32 1.75
A1 0.27 0.47
A2 1.18 REF
b 0.35 0.65
D 15.00 BSC
E 15.00 BSC
e
1.00 BSC
S
0.50 BSC
Y
K
M
N
P
A
1
6
10
9
Top View
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com