Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MCF5373CAB180
Description  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MCF5373CAB180 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 25Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 26Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 27Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 28Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 29Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 30Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Preliminary Electrical Characteristics
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Freescale Semiconductor
27
5.8.2
DDR SDRAM AC Timing Characteristics
When using the SDRAM controller in DDR mode, the following timing numbers must be followed to
properly latch or drive data onto the memory bus. All timing numbers are relative to the four DQS byte
lanes. The following timing numbers are subject to change at anytime, and are only provided to aid in early
board design. Please contact your local Freescale representative if questions develop.
Table 12. DDR Timing Specifications
Num
Characteristic
Symbol
Min
Max
Unit
Notes
Frequency of Operation
tDDCK
80
TBD
Mhz
1
NOTES:
1
The frequency of operation is either 2x or 4x the FB_CLK frequency of operation. FlexBus and SDRAM clock operate at the
same frequency as the internal bus clock.
DD1
Clock Period
tDDSK
TBD
12.5
ns
2
2
SD_CLK is one SDRAM clock in (ns).
DD2
Pulse Width High
tDDCKH
0.45
0.55
SD_CLK
3
3
Pulse width high plus pulse width low cannot exceed min and max clock period.
DD3
Pulse Width Low
tDDCKL
0.45
0.55
SD_CLK
3
DD4
Address, SD_CKE, SD_CAS, SD_RAS, SD_WE,
SD_CS[1:0] - Output Valid
tSDCHACV
—0.5
× SD_CLK
+1.0
ns
4
4
Command output valid should be 1/2 the memory bus clock (SD_CLK) plus some minor adjustments for process,
temperature, and voltage variations.
DD5
Address, SD_CKE, SD_CAS, SD_RAS, SD_WE,
SD_CS[1:0] - Output Hold
tSDCHACI
2.0
—
ns
DD6
Write Command to first DQS Latching Transition
tCMDVDQ
—
1.25
SD_CLK
DD7
Data and Data Mask Output Setup (DQ-->DQS)
Relative to DQS (DDR Write Mode)
tDQDMV
1.5
—
ns
5
6
5
This specification relates to the required input setup time of today’s DDR memories. Rigoletto’s output setup should be larger
than the input setup of the DDR memories. If it is not larger, then the input setup on the memory will be in violation.
MEM_DATA[31:24] is relative to MEM_DQS[3], MEM_DATA[23:16] is relative to MEM_DQS[2], MEM_DATA[15:8] is relative to
MEM_DQS[1], and MEM_[7:0] is relative MEM_DQS[0].
6
The first data beat will be valid before the first rising edge of DQS and after the DQS write preamble. The remaining data
beats will be valid for each subsequent DQS edge.
DD8
Data and Data Mask Output Hold (DQS-->DQ)
Relative to DQS (DDR Write Mode)
tDQDMI
1.0
—
ns
7
7
This specification relates to the required hold time of today’s DDR memories. MEM_DATA[31:24] is relative to MEM_DQS[3],
MEM_DATA[23:16] is relative to MEM_DQS[2], MEM_DATA[15:8] is relative to MEM_DQS[1], and MEM_[7:0] is relative
MEM_DQS[0].
DD9
Input Data Skew Relative to DQS (Input Setup)
tDVDQ
—1
ns
8
DD10 Input Data Hold Relative to DQS.
tDIDQ
0.25
× SD_CLK
+0.5ns
—ns
9
DD11 DQS falling edge from SDCLK rising (output hold time) tDQLSDCH
0.5
—
ns
DD12 DQS input read preamble width
tDQRPRE
0.9
1.1
SD_CLK
DD13 DQS input read postamble width
tDQRPST
0.4
0.6
SD_CLK
DD14 DQS output write preamble width
tDQWPRE
0.25
SD_CLK
DD15 DQS output write postamble width
tDQWPST
0.4
0.6
SD_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com