Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MCF5373CAB180
Description  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MCF5373CAB180 Datasheet HTML 15Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 16Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Preliminary Electrical Characteristics
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Freescale Semiconductor
19
5.4.3.1
Power Up Sequence
If EVDD/SDVDD are powered up with IVDD at 0 V, then the sense circuits in the I/O pads will cause all
pad output drivers connected to the EVDD/SDVDD to be in a high impedance state. There is no limit on
how long after EVDD/SDVDD powers up before IVDD must powered up. IVDD should not lead the EVDD,
SDVDD or PLLVDD by more than 0.4 V during power ramp-up, or there will be high current in the internal
ESD protection diodes. The rise times on the power supplies should be slower than 1
µs to avoid turning
on the internal ESD protection clamp diodes.
The recommended power up sequence is as follows:
1. Use 1
µs or slower rise time for all supplies.
2. IVDD/PLLVDD and EVDD/SDVDD should track up to 0.9 V, then separate for the completion of
ramps with EVDD/SD VDD going to the higher external voltages. One way to accomplish this is to
use a low drop-out voltage regulator.
5.4.3.2
Power Down Sequence
If IVDD/PLLVDD are powered down first, then sense circuits in the I/O pads will cause all output drivers
to be in a high impedance state. There is no limit on how long after IVDD and PLLVDD power down before
EVDD or SDVDD must power down. IVDD should not lag EVDD, SDVDD, or PLLVDD going low by more
than 0.4 V during power down or there will be undesired high current in the ESD protection diodes. There
are no requirements for the fall times of the power supplies.
The recommended power down sequence is as follows:
1. Drop IVDD/PLLVDD to 0 V.
2. Drop EVDD/SDVDD supplies.
5.5
Power Consumption Specifications
Estimated maximum RUN mode power consumption measurements are shown in the below figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com