Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MCF5373CAB180
Description  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MCF5373CAB180 Datasheet HTML 16Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Preliminary Electrical Characteristics
Freescale Semiconductor
20
Figure 9. Estimated Maximum RUN Mode Power Consumption
Table 8 lists estimated maximum power and current consumption for the device in various operating
modes.
Table 8. Estimated Maximum Power Consumption Specifications
Characteristic
Symbol
Typical
Max
Unit
Run Mode - Total Power Dissipation
Static
Dynamic
—
—
—
250
5.74
244
mW
mW
mW
Core Operating Supply Current 1
Run Mode
NOTES:
1
Current measured at maximum system clock frequency, all modules active, and default drive
strength with matching load.
IDD
—TBD
mA
Pad Operating Supply Current
Run Mode (application dependent)
Wait Mode
Stop Mode
EIDD
—
—
—
144
96
1
mA
mA
mA
Estimated Power Consumption vs. Core Frequency
0
50
100
150
200
250
300
0
40
80
120
160
200
240
Core Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com