Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MCF5373CAB180
Description  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MCF5373CAB180 Datasheet HTML 28Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 29Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 30Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 31Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 32Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 33Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 34Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 35Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Preliminary Electrical Characteristics
Freescale Semiconductor
32
5.13 I2C Input/Output Timing Specifications
Table 16 lists specifications for the I2C input timing parameters shown in Figure 21.
Table 17 lists specifications for the I2C output timing parameters shown in Figure 21.
S4
SSI_BCK rising edge to SSI_MCLK edge
10
—
ns
S5
SSI_MCLK edge to SSI_BCLK rising edge
10
—
ns
S6
SSI_TXD/SSI_RXD data set-up time
10
—
ns
S7
SSI_TXD/SSI_RXD data hold time
10
—
ns
NOTES:
1fs is the sampling frequency. SSI_BCLK can be operated upto 512 times the sampling frequency to a max frequency of 49.152MHz
Table 16. I2C Input Timing Specifications between SCL and SDA
Num
Characteristic
Min
Max
Units
I1
Start condition hold time
2
—
tcyc
I2
Clock low period
8
—
tcyc
I3
I2C_SCL/I2C_SDA rise time (VIL = 0.5 V to VIH =2.4 V)
—
1
ms
I4
Data hold time
0
—
ns
I5
I2C_SCL/I2C_SDA fall time (VIH = 2.4 V to VIL =0.5 V)
—
1
ms
I6
Clock high time
4
—
tcyc
I7
Data setup time
0
—
ns
I8
Start condition setup time (for repeated start condition only)
2
—
tcyc
I9
Stop condition setup time
2
—
tcyc
Table 17. I2C Output Timing Specifications between SCL and SDA
Num
Characteristic
Min
Max
Units
I11
Start condition hold time
6
—
tcyc
I2 1
Clock low period
10
—
tcyc
I3 2
I2C_SCL/I2C_SDA rise time (VIL = 0.5 V to VIH =2.4 V)
—
—
µs
I4 1
Data hold time
7
—
tcyc
I5 3
I2C_SCL/I2C_SDA fall time (VIH = 2.4 V to VIL = 0.5 V)
—
3
ns
I6 1
Clock high time
10
—
tcyc
I7 1
Data setup time
2
—
tcyc
I8 1
Start condition setup time (for repeated start condition only)
20
—
tcyc
I9 1
Stop condition setup time
10
—
tcyc
Table 15. SSI Timing (continued)
Num
Description
1.8 +/- 0.10V
Unit
Minimum
Maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com