Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MCF5373CAB180
Description  Microprocessor Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5373CAB180 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MCF5373CAB180 Datasheet HTML 34Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 35Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 36Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 37Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 38Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 39Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 40Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 41Page - Freescale Semiconductor, Inc MCF5373CAB180 Datasheet HTML 42Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Preliminary Electrical Characteristics
MCF5373 ColdFire® Microprocessor Data Sheet, Rev. 0.3
Preliminary
Freescale Semiconductor
39
Figure 29. Test Access Port Timing
Figure 30. TRST Timing
5.18 Debug AC Timing Specifications
Table 25 lists specifications for the debug AC timing parameters shown in Figure 32.
Table 25. Debug AC Timing Specification
Num
Characteristic
Units
Min
Max
DE0
PSTCLK cycle time
—
0.3
tcyc
DE1
PST valid to PSTCLK high
4
—
ns
DE2
PSTCLK high to PST invalid
1.5
—
ns
DE3
DSCLK cycle time
5
—
tcyc
DE4
DSI valid to DSCLK high
1
—
tcyc
DE51
NOTES:
1
DSCLK and DSI are synchronized internally. DE4 is measured from the synchronized DSCLK input
relative to the rising edge of FB_CLK.
DSCLK high to DSO invalid
4
—
tcyc
DE6
BKPT input data setup time to FB_CLK high
4
—
ns
DE7
FB_CLK high to BKPT invalid
0
—
ns
Input Data Valid
Output Data Valid
Output Data Valid
TCLK
TDI
TDO
TDO
TDO
TMS
VIL
VIH
J9
J10
J11
J12
J11
TCLK
TRST
J13
J14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com