Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 102 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 102 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 98Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 99Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 100Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 101Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 102Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 103Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 104Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 105Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 106Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 168 page
background image
Chapter 6 TX4955A System Interface
6-30
6.2.11.8 Bit definition of data identifiers
In the case of processor or external coherent data identifiers and processor or
external non-coherent data identifiers, SysCmd(7) indicates that they are the final
data element, and SysCmd(6) indicates whether they are response data. Response
data are the data that are returned to a read request as a response.
SysCmd(5) indicates whether there is an error in a data element. Uncorrectable
errors are included in the error data. When such an error is returned to the processor,
a bus error is generated. If a primary parity error is detected in the data items to be
transferred, the processor deasserts the good data bits and sends data.
SysCmd(4) indicates to the processor whether the data bits and check bits of a data
element should be searched.
SysCmd(3) is reserved in the case of external data identifiers.
SysCmd(4:3) is reserved in the case of non-coherent processor data identifiers.
SysCmd(2:0) is reserved in the case of non-coherent data identifiers.
Table 6.2.15 indicates methods of specifying SysCmd(7:3) for processor data
identifiers. Table 6.2.16 indicates methods of specifying SysCmd(7:3) for external
data identifiers.
Table 6.2.15 Methods of Specifying SysCmd(7:3) for Processor Data Identifiers
SysCmd(7)
Final Data Element Indication
0
Final data element
1
Is not final data element
SysCmd(6)
Response Data Indication
0
Response data
1
Is not response data
SysCmd(5)
Good Data Indication
0
No errors
1
Is error data
SysCmd(4:3)
Reserved
Table 6.2.16 Method of Specifying SysCmd(7:3) for External Data Identifiers
SysCmd(7)
Final Data Element Indication
0
Final data element
1
Is not final data element
SysCmd(6)
Response Data Indication
0
Response data
1
Is not response data
SysCmd(5)
Good Data Indication
0
No errors
1
Is error data
SysCmd(4)
Enable Data Check
0
Check data bits and check bits
1
Do not check data bits and check bits
SysCmd(3)
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com