Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 105 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 105 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 101Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 102Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 103Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 104Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 105Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 106Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 107Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 108Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 109Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 168 page
background image
Chapter 6 TX4955A System Interface
6-33
6.3
System Interface of TX4300 type protocol mode
In TX4955A, it is built in system interface function corresponding to TX4300 type protocol. A
selection of above-mentioned R5000 type protocol mode or TX4300 type protocol mode increases
by external pin (MODE43* : 117 pin).
MODE43* = 0: TX4300 type protocol
MODE43* = 1: R5000 type protocol
Note:
In TX4300 type protocol mode of TX4955A, there is not PReq signal. Therefore there is the
need that PReq terminal of an external agent is always fixed in "L" Level. And there is not a
function too to show that protocol errors were detected.
But search of protocol errors is possible when I have a counter built-in in TX4955A inside,
and there is not lead reply between constant time because it is established the function that
an exception generates bus error.
6.3.1
System Interface Description of TX4300 Type Protocol Mode
The TX4955A processor has a 32-bit address/data interface. The System interface
consists of:
•
32-bit address and data bus, SysAD
SysAD
SysAD
SysAD
•
5-bit command bus, SysCmd
SysCmd
SysCmd
SysCmd
•
five handshake signals:
– EValid
EValid
EValid
EValid*, PValid
, PValid
, PValid
, PValid*
– EReq
EReq
EReq
EReq*
– PMaster
PMaster
PMaster
PMaster*, EOK
, EOK
, EOK
, EOK*
Table 6.3.1 System Interface Signals
(TX4300 type protocol mode is MODE43* = 0)
Signal
I/O
Function
SysAD (31:0)
I/O
Address and data transfer bus, multiplexed between the processor and an external agent.
SysCmd (4:0)
I/O
Used for command and data identifier transmission between the processor and an external agent.
SysCmd (8:5) / GND
O
When TX4300 type protocol mode, those pin output “L”.
SysADC (3:0) / GND
O
When TX4300 type protocol mode, those pin output “L”.
SysCmdP / GND
O
When TX4300 type protocol mode, this pin output “L”.
ValidIn* / EValid*
I
During the cycle it is asserted, EValid* indicates an external agent is driving a valid address or valid
data on the SysAD bus, and a valid command or data identifier on the SysCmd bus.
ValidOut* / PValid*
O
During the cycle it is asserted, PValid*, indicates the processor is driving a Valid address or Valid
data on the SysAD bus, and a valid command or data indentifier on the SysCmd bus.
ExtRqst* / Ereq*
I
Indicates an external agent is requesting System interface bus ownership.
Release* / PMaster
O
Indicates an external agent is capable of the system interface bus.
WrRdy* / EOK*
I
Indicates an external agent is capable of accepting a processor request.
RdRdy* / GND
O
When TX4300 type protocol mode this pin output “L”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com