Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 107 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 107 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 103Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 104Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 105Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 106Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 107Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 108Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 109Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 110Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 111Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 168 page
background image
Chapter 6 TX4955A System Interface
6-35
6.3.2
System Events
System events include:
•
Fetch miss in the instruction cache
•
Load miss in the data cache
•
Store miss in the data cache
•
an uncached load or store
•
actions resulting from the execution of cache instructions
When a system event occurs, the processor issues a request or a series of requests
through the system interface to access some external resource to service that event. The
system interface must be connected to an external agent that coordinates access to system
resources.
Processor requests include both read and write requests:
•
a read request supplies an address to an external agent
•
a write request supplies an address and a word or block of data to be written to an
external agent
Processor read requests that have been issued, but for which data has not yet been
returned, are said to be
pending. The processor will not issue another request while a read
is already pending. A processor read request is said to be
complete after the last transfer of
response data has been received from an external agent. A processor write request is said
to be complete after the last word of data has been transmitted.
External requests include both read responses and write requests:
•
a read response supplies a block or single transfer of data from an external agent
in response to a read request
•
a write request supplies an address and a word of data to be written to a processor
resource
When an external agent receives a read request, it accesses the specified resource and
returns the requested data through a read response, which may be returned any time after
the read request and at any data rate.
By default, the processor is the master of the system interface. An external agent
becomes master of the system interface either through arbitration, or by default after a
processor read request. The external agent returns mastership to the processor after the
external request completes and/or after the processor read request has been serviced.
6.3.3
System Event Sequences and the SysAD Bus Protocol
The following sections detail the sequence and timing of processor and external requests.
Note: The following sections describe the SysAD bus protocol; the TX4955A processor always
meets the conditions of this protocol. The TX4955A processor is capable of receiving
sequences of transactions on the bus at full protocol speed and of receiving data on
every cycle. At a minimum, the design of external agents must meet the requirements of
this protocol, and would ideally take full advantage of the maximum speed of the
TX4955A processor.
6.3.3.1
Fetch Miss
When the processor misses in the instruction cache on a fetch, it obtains a cache line
of instructions from an external agent. The processor issues a read request for the
cache line and waits for an external agent to provide the data in response to this read
request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com