Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 111 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 111 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 107Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 108Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 109Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 110Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 111Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 112Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 113Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 114Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 115Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 168 page
background image
Chapter 6 TX4955A System Interface
6-39
6.3.4.3
External Arbitration
The System interface must be in slave state for the external agent to issue an
external request through the System interface. The transition from master state to
slave state is arbitrated by the processor using the System interface handshake
signals EReq
EReq
EReq
EReq* and PMaster
PMaster
PMaster
PMaster*. This transition is described by the following procedure:
1. An external agent signals that it wishes to issue an external request by asserting
EReq
EReq
EReq
EReq*.
2. When the processor is ready to accept an external request, it releases the System
interface from master to slave state by negating PMaster
PMaster
PMaster
PMaster*.
3. The System interface returns to master state as soon as the issue of the external
request is complete.
6.3.4.4
Uncompelled Change to Slave State
An
uncompelled change to slave state is the transition of the System interface from
master state to slave state, initiated by the processor itself when a processor read
request is pending. PMaster
PMaster
PMaster
PMaster* is negated automatically after a read request. An
uncompelled change to slave state occurs either during or some number of cycles after
the issue cycle of a read request.
The uncompelled release latency depends on the state of the cache. After an
uncompelled change to slave state, the processor returns to master state at the end of
the next external request. This can be a read response, or some other type of external
request.
An external agent must note that the processor has performed an uncompelled
change to slave state and begin driving the SysAD
SysAD
SysAD
SysAD bus along with the SysCmd
SysCmd
SysCmd
SysCmd bus. As
long as the System interface is in slave state, the external agent can begin an external
request without arbitrating for the System interface; that is, without asserting EReq
EReq
EReq
EReq*.
After the external request, the System interface returns to master state.
6.3.4.5
Signal Timing
The System interface protocol describes the cycle-by-cycle signal transitions that
occur on the pins of the system interface to realize requests between the processor and
an external agent. Figure 6.3.3 shows the timing relationships between System
interface signal edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com