Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 108 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 108 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 104Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 105Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 106Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 107Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 108Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 109Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 110Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 111Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 112Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 168 page
background image
Chapter 6 TX4955A System Interface
6-36
6.3.3.2
Load Miss
When the processor misses in the data cache on a load, it obtains a cache line of data
from an external agent. The processor issues a read request for the cache line and
waits for an external agent to provide the data in response to this read request. If the
cache data which the incoming line will replace contains valid dirty data, this data is
written to memory. The read completes before the write of the dirty cast-out data.
6.3.3.3
Store Miss
When the processor misses in the data cache on a store, it issues a read request to
bring a cache line of data into the cache, where it is then updated with the store data. If
the cache data which the incoming line will replace contains valid dirty data, the data
is written to memory. The read completes before the write of the dirty cast-out data.
To guarantee that cached data written by a store is consistent with main memory,
the corresponding cache line must be explicitly flushed from the cache using a cache
operation.
6.3.3.4
Uncached Load or Store
When the processor performs an uncached load, it issues a read request and waits
for a single transfer of read response data from an external agent.
When the processor performs an uncached store, it issues a write request and
provides a single transfer of data to the external agent.
The processor does not consolidate data on uncached writes. For example, writes of
two contiguous halfwords takes two write cycles, they are never grouped into a single
word write.
6.3.3.5
Cache Instructions
The TX4955A processor provides a number of cache instructions for use in
maintaining the state and contents of the caches. Cache operations supported in the
TX4955A processor are described in Chapter 5.
6.3.3.6
Byte Ordering (Endian)
The System interface byte order is set by the Endian
Endian
Endian
Endian of external pin. The byte order
is big-endian when Endian
Endian
Endian
Endian is high, and little-endian when Endian
Endian
Endian
Endian is low. The
RE
(reverse-endian) bit in the
Status register can be set by software to reverse the byte
order available in User mode.
6.3.3.7
Physical Addresses
Physical addresses are driven on SysAD (31:0)
SysAD (31:0)
SysAD (31:0)
SysAD (31:0) during address cycles.
6.3.3.8
Interface Buses
Figure 6.3.1 shows the primary communication paths for the System interface: a
32-bit address and data bus, SysAD (31:0)
SysAD (31:0)
SysAD (31:0)
SysAD (31:0), and a 5-bit command bus, SysCmd (4:0)
SysCmd (4:0)
SysCmd (4:0)
SysCmd (4:0).
These SysAD
SysAD
SysAD
SysAD and the SysCmd
SysCmd
SysCmd
SysCmd buses are bidirectional; that is, they are driven by the
processor to issue a processor request, and by the external agent to issue an external
request.
A request through the System interface consists of:
•
an address
•
a System interface command that specifies the precise nature of the request
•
a series of data elements if the request is for a write or read response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com