Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 104 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 104 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 100Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 101Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 102Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 103Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 104Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 105Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 106Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 107Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 108Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 168 page
background image
Chapter 6 TX4955A System Interface
6-32
6.2.14
Data Error Detection
The TX4955A internal system interface uses the following two methods to detect data
errors:
•
Indication of good data by data identifier SysCmd(5)
•
Determination by a check bit
6.2.14.1 Indication of good data by data identifier SysCmd(5)
This bit indicates whether data is good or not for all data. Therefore, in a block refill
transfer, for example, no matter in what number of data SysCmd(5) may have been set,
a bus error exception is always generated.
6.2.14.2 Determination by a check bit
When an error is detected by check bit determination, a bus error exception occurs.
Because this determination also is made for all data, no matter in what number of
data in a block refill transfer an error may have occurred, a bus error exception is
always generated.
6.2.14.3 Timing at which a bus error exception occurs
Indication of good data (SysCmd(5)): Two cycles after read data
Check bit error detection: Three cycles after read response data
6.2.14.4 Precautions
•
There is no means of identifying whether a bus error exception has been
generated by indication of good data or by check bit determination. Nor does
the TX49 core have a cache parity bit, but when a bus error exception occurs
during a block refill transfer, the cache line is referenced INVALID.
•
Regardless of whether a bus error exception has been generated by indication
of good data or by check bit determination during a block refill transfer, a
designated block size of data needs to be transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com