Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 103 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 103 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 99Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 100Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 101Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 102Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 103Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 104Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 105Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 106Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 107Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 168 page
background image
Chapter 6 TX4955A System Interface
6-31
6.2.12
System Interface Addresses
System interface addresses are complete 32-bit physical addresses. They are sent to the
lower 32 bits of the SysAD bus during the address cycle.
6.2.12.1 Addressing rules in the 32-bit bus mode
Addresses that are to be used in word or partial word transactions are arranged to
match the size of the data element. The following rules are used by this system.
•
Target addresses of the block request are aligned to the word boundaries. In
other words, the lower 2 bits of the address become “0”.
•
Word requests set the lower 2 bits of the address to “0”.
•
Half-word requests set the least significant bit of the address to “0”.
•
Byte requests and 3-byte requests use the byte address.
6.2.13
Mode Register of System Interface (G2Sconfig)
The Mode Register of System Interface ( G2Sconfig ) is a read/write register. This
register is only Word-Access.
Table 6.2.17 G2SConfig
Address
Field
Description
0xF_FF10_0000
G2Sconfig
Mode Register of System Interface
31
20 19
4
3
2
1
0
Bit
Reserved
TOut Val
TOut Enable
Write mode
Data rate
Bit
Field
Description
ColdReset
Read/Write
31..20
Reserved
Undefined
Read
19..4
TOut Val
Set Data of Read Time Out Counter
0x0: Generate Read Time Out Error
Other 0x0: Not generate Read Time Out Error
0xFFFF
Read/Write
3
TOut Enable
Enable bit of Read Time Out Counter
In case of MODE43* = H, Read Time Out Counter
does not work.
We recommend it to write 0 or the value of Read
data.
0
Read/Write
2..1
Write mode
Processor write protocols set
00: R4000 compatible write
01: Reserved
10: Pipeline write
11: Reissue write
00
Read/Write
0
Data rate
At the Block write data rate set
0: AWWWWWWWW
1: AWxxWxxWxxWxx
WxxWxxWxxWxx
0
Read/Write
Note1: When initialized Single write: ADxx (R4000 compatible)
Block write: ADDDD
Note2: In case of MODE43* = H, Read Time Out Counter does not work.
It can generate Read Time Out Error when wrote in 0x0 at TOut Val. It does not let a value of
TOut Enable affect it. Please write in a value except 0x0 at TOut Val.
Figure 6.2.29 G2Sconfig Register Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com