Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 109 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 109 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 105Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 106Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 107Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 108Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 109Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 110Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 111Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 112Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 113Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 168 page
background image
Chapter 6 TX4955A System Interface
6-37
TX4955A
SysCmd (4:0)
SysAD (31:0)
External Agent
Figure 6.3.1 System Interface Buses
6.3.3.9
Address and Data Cycles
The SysCmd
SysCmd
SysCmd
SysCmd bus identifies the contents of the SysAD
SysAD
SysAD
SysAD bus during any cycle in which
it is valid. Cycles in which the SysAD
SysAD
SysAD
SysAD bus contains a valid address are called
address
cycles. Cycles in which the SysAD
SysAD
SysAD
SysAD bus contains valid data are called
data cycles. The
most significant bit of the SysCmd
SysCmd
SysCmd
SysCmd bus is always used to indicate whether the current
cycle is an address cycle or a data cycle.
When the TX4955A processor is driving the SysAD
SysAD
SysAD
SysAD and SysCmd
SysCmd
SysCmd
SysCmd buses, the System
interface is in
master state. When the external agent is driving the SysAD
SysAD
SysAD
SysAD and
SysCmd
SysCmd
SysCmd
SysCmd buses, the System interface is in
slave state.
•
When the processor is master, it asserts the PValid
PValid
PValid
PValid* signal when the SysAD
SysAD
SysAD
SysAD
and SysCmd
SysCmd
SysCmd
SysCmd buses are valid.
•
When the processor is slave, an external agent asserts the EValid
EValid
EValid
EValid* signal
when the SysAD
SysAD
SysAD
SysAD and SysCmd
SysCmd
SysCmd
SysCmd buses are valid.
The SysCmd
SysCmd
SysCmd
SysCmd bus identifies the contents of the SysAD
SysAD
SysAD
SysAD bus during valid cycles.
•
During address cycles [SysCmd (4)
SysCmd (4)
SysCmd (4)
SysCmd (4) = 0], the remainder of the SysCmd
SysCmd
SysCmd
SysCmd bus,
SysCmd (3:0)
SysCmd (3:0)
SysCmd (3:0)
SysCmd (3:0), contains a
System interface command, described later in this
chapter.
•
During data cycles [SysCmd (4)
SysCmd (4)
SysCmd (4)
SysCmd (4) = 1], the remainder of the SysCmd
SysCmd
SysCmd
SysCmd bus,
SysCmd (3:0)
SysCmd (3:0)
SysCmd (3:0)
SysCmd (3:0), contains a
data identifier, described later in this chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com