Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 150 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 150 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 146Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 147Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 148Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 149Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 150Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 151Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 152Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 153Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 154Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
5- 13
Besides the operation code, which specifies the function to be performed, an instruction
defines the location of every operand for the function. Instructions specify an operand
location in one of three ways:
• Register Specification
A register field of the instruction contains the number of
the register.
• Effective Address
An effective address field of the instruction contains
address mode information.
• Implicit Reference
The definition of an instruction implies the use of
specific registers.
The register field within an instruction specifies the register to be used. Other fields within
the instruction specify whether the register is an address or data register and how it is to
be used. The M68000PM/AD,
M68000 Family Programmer’s Reference Manual, contains
detailed register information.
Except where noted, the following notation is used in this section:
Data
Immediate data from an instruction
Destination
Destination contents
Source
Source contents
Vector
Location of exception vector
An
Any address register (A7–A0)
Ax, Ay
Address registers used in computation
Dn
Any data register (D7–D0)
Rc
Control register (VBR, SFC, DFC)
Rn
Any address or data register
Dh, Dl
Data registers, high- and low-order 32 bits of product
Dr, Dq
Data registers, division remainder, division quotient
Dx, Dy
Data registers, used in computation
Dym, Dyn
Data registers, table interpolation values
Xn
Index register
[An]
Address extension
cc
Condition code
d#
Displacement
Example: d16 is a 16-bit displacement
〈ea〉
Effective address
#
〈data〉
Immediate data; a literal integer
label
Assembly program label
list
List of registers
Example: D3–D0
[...]
Bits of an operand
Examples: [7] is bit 7; [31:24] are bits 31–24
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com