Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 151 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 151 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 147Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 148Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 149Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 150Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 151Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 152Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 153Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 154Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 155Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 441 page
background image
5- 14
MC68340 USER’S MANUAL
MOTOROLA
(...)
Contents of a referenced location
Example: (Rn) refers to the contents of Rn
CCR
Condition code register (lower byte of SR)
X—extend bit
N—negative bit
Z—zero bit
V—overflow bit
C—carry bit
PC
Program counter
SP
Active stack pointer
SR
Status register
SSP
Supervisor stack pointer
USP
User stack pointer
FC
Function code
DFC
Destination function code register
SFC
Source function code register
+
Arithmetic addition or postincrement
–
Arithmetic subtraction or predecrement
/
Arithmetic division or conjunction symbol
×
Arithmetic multiplication
=
Equal to
≠
Not equal to
>
Greater than
≥
Greater than or equal to
<
Less than
≤
Less than or equal to
Λ
Logical AND
V
Logical OR
⊕
Logical exclusive OR
~
Invert; operand is logically complemented
BCD
Binary-coded decimal, indicated by subscript
Example: Source10 is a BCD source operand.
LSW
Least significant word
MSW
Most significant word
{R/W}
Read/write indicator
In a description of an operation, a destination operand is placed to the right of source
operands and is indicated by an arrow (
⇒).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com