Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 156 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 156 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 152Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 153Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 154Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 155Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 156Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 157Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 158Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 159Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 160Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
5- 19
Table 5-2. Instruction Set Summary (Concluded)
Opcode
Operation
Syntax
ROXL,ROXR
Destination Rotated with X by
〈count〉 ⇒ Destination ROXd1 Rx,Dy
ROXd 1 #
〈data〉,Dy
ROXd 1
〈ea〉
RTD
(SP)
⇒ PC; SP + 4 + d ⇒ SP
RTD #
〈displacement〉
RTE
If supervisor state
the (SP)
⇒ SR; SP + 2 ⇒ SP; (SP) ⇒ PC;
SP + 4
⇒ SP;
restore state and deallocate stack according to (SP)
else TRAP
RTE
RTR
(SP)
⇒ CCR; SP + 2 ⇒ SP;
(SP)
⇒ PC; SP + 4 ⇒ SP
RTR
RTS
(SP)
⇒ PC; SP + 4 ⇒ SP
RTS
SBCD
Destination10 – Source10 – X ⇒ Destination
SBCD Dx,Dy
SBCD –(Ax),–(Ay)
Scc
If Condition True
then 1s
⇒ Destination
else 0s
⇒ Destination
Scc
〈ea〉
STOP
If supervisor state
then Immediate Data
⇒ SR; STOP
else TRAP
STOP #
〈data〉
SUB
Destination – Source
⇒ Destination
SUB
〈ea〉,Dn
SUB Dn,
〈ea〉
SUBA
Destination – Source
⇒ Destination
SUBA
〈ea〉,An
SUBI
Destination – Immediate Data
⇒ Destination
SUBI #
〈data〉,〈ea〉
SUBQ
Destination – Immediate Data
⇒ Destination
SUBQ #
〈data〉,〈ea〉
SUBX
Destination – Source – X
⇒ Destination
SUBX Dx,Dy
SUBX –(Ax),–(Ay)
SWAP
Register [31:16]
⇔ Register [15:0]
SWAP Dn
TAS
Destination Tested
⇒ Condition Codes;
1
⇒ bit 7 of Destination
TAS
〈ea〉
TBLS
ENTRY(n) + {(ENTRY(n + 1) – ENTRY(n)) *
Dx[7:0]} / 256
⇒ Dx
TBLS.
〈size〉 〈ea〉, Dx
TBLS.
〈size〉 Dym:Dyn, Dx
TBLSN
ENTRY(n)
× 256 + {(ENTRY(n + 1) – ENTRY(n)) *
Dx [7:0]}
⇒ Dx
TBLSN.
〈size〉 〈ea〉,Dx
TBLSN.
〈size〉 Dym:Dyn, Dx
TBLU
ENTRY(n) + {(ENTRY(n + 1) – ENTRY(n)) *
Dx[7:0]} / 256
⇒ Dx
TBLU.
〈size〉 〈ea〉,Dx
TBLU.
〈size〉 Dym:Dyn, Dx
TBLUN
ENTRY(n) • 256 + {(ENTRY(n + 1) – ENTRY(n)) •
Dx[7:0]}
⇒ Dx
TBLUN.
〈size〉 〈ea〉,Dx
TBLUN.
〈size〉 Dym:Dyn,Dx
TRAP
SSP – 2
⇒ SSP; Format/Offset ⇒ (SSP);
SSP – 4
⇒ SSP; PC ⇒ (SSP); SSP – 2 ⇒ SSP;
SR
⇒ (SSP); Vector Address ⇒ PC
TRAP #
〈vector〉
TRAPcc
If cc then TRAP
TRAPcc
TRAPcc.W #
〈data〉
TRAPcc.L #
〈data〉
TRAPV
If V then TRAP
TRAPV
TST
Destination Tested
⇒ Condition Codes
TST
〈ea〉
UNLK
An
⇒ SP; (SP) ⇒ An; SP + 4 ⇒ SP
UNLK An
NOTE 1: d is direction, L or R.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com