Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 157 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 157 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 153Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 154Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 155Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 156Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 157Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 158Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 159Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 160Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 161Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 441 page
background image
5- 20
MC68340 USER’S MANUAL
MOTOROLA
5.3.3.1 CONDITION CODE REGISTER. The CCR portion of the SR contains five bits that
indicate the result of a processor operation. Table 5-3 lists the effect of each instruction on
these bits. The carry bit and the multiprecision extend bit are separate in the M68000
Family to simplify programming techniques that use them. Refer to Table 5-7 as an
example.
Table 5-3. Condition Code Computations
Operations
X
N
Z
V
C
Special Definition
ABCD
*
U
?
U
?
C = Decimal Carry
Z = Z
Λ R
∂Λ ... Λ R0
ADD, ADDI, ADDQ
*
*
*
?
?
V = Sm
Λ Dm Λ R
∂ V S∂ Λ D∂ Λ Rm
C = Sm
Λ Dm V R
∂ Λ Dm V Sm Λ R∂
ADDX
*
*
?
?
?
V = Sm
Λ Dm Λ R
∂ V S∂ Λ D∂ Λ Rm
C = Sm
Λ Dm V R
∂ Λ Dm V Sm Λ R∂
Z = Z
Λ R
∂ Λ ... Λ R0
AND, ANDI, EOR, EORI,
MOVEQ, MOVE, OR,
ORI, CLR, EXT, NOT,
TAS, TST
—
*
*
0
0
CHK
—
*
U
U
U
CHK2, CMP2
—
U
?
U
?
Z = (R = LB) V
(R = UB)
C = (LB < UB)
Λ (IR < LB) V (R > UB) V
(UB < LB) Λ (R > UB) Λ (R < LB)
SUB, SUBI, SUBQ
*
*
*
?
?
V =
S
∂ Λ Dm Λ R∂ V Sm Λ D∂ Λ Rm
C = Sm
Λ D
∂ V Rm Λ D∂ V Sm Λ Rm
SUBX
*
*
?
?
?
V =
S
∂ Λ Dm Λ R∂ V Sm Λ D∂ Λ Rm
C = Sm
Λ D
∂ V Rm Λ D∂ V Sm Λ Rm
Z = Z
Λ R
∂ Λ ... Λ R0
CMP, CMPI, CMPM
—
*
*
?
?
V =
S
∂ Λ Dm Λ R∂ V Sm Λ D∂ Λ Rm
C = Sm
Λ D
∂ V Rm Λ D∂ V Sm Λ Rm
DIVS, DIVU
—
*
*
?
0
V = Division Overflow
MULS, MULU
—
*
*
?
0
V = Multiplication Overflow
SBCD, NBCD
*
U
?
U
?
C = Decimal Borrow
Z = Z
Λ R
∂ Λ ... Λ R0
NEG
*
*
*
?
?
V = Dm
Λ Rm
C = Dm V Rm
NEGX
*
*
?
?
?
V = Dm
Λ Rm
C = Dm V Rm
Z = Z
Λ R
∂ Λ ... Λ R0
ASL
*
*
*
?
?
V = Dm
Λ (D
∂ – 1 V ... V D∂ – r) V D∂ Λ
(Dm–1 V
... + Dm – r)
C =
D
∂ – r + 1
ASL (r = 0)
—
*
*
0
0
LSL, ROXL
***0
?
C = Dm – r + 1
LSR (r = 0)
—
*
*
0
0
ROXL (r = 0)
—
*
*
0
?
C = X
ROL
—
*
*
0
?
C = Dm – r + 1
ROL (r = 0)
—
*
*
0
0
ASR, LSR, ROXR
***0
?
C = Dr – 1
ASR, LSR (r = 0)
—
*
*
0
0
ROXR (r = 0)
—
*
*
0
?
C = X
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com