Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 157Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 158Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 159Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 160Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 161Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 162Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 163Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 164Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 441 page
background image
5- 24
MC68340 USER’S MANUAL
MOTOROLA
5.3.3.4 LOGIC INSTRUCTIONS. The logical operation instructions (AND, OR, EOR, and
NOT) perform logical operations with all sizes of integer data operands. A similar set of
immediate instructions (ANDI, ORI, and EORI) provide these logical operations with all
sizes of immediate data. The test (TST) instruction arithmetically compares the operand
with zero, placing the result in the CCR. Table 5-6 summarizes the logical operations.
Table 5-6. Logic Operations
Instruction
Operand
Syntax
Operand Size
Operation
AND
〈ea〉, Dn
Dn,
〈ea〉
8, 16, 32
8, 16, 32
Source
Λ Destination ⇒ Destination
ANDI
#
〈data〉, 〈ea〉
8, 16, 32
Immediate Data
Λ Destination ⇒ Destination
EOR
Dn,
〈ea〉
8, 16, 32
Source
⊕ Destination ⇒ Destination
EORI
#
〈data〉, 〈ea〉
8, 16, 32
Immediate Data
⊕ Destination ⇒ Destination
NOT
〈ea〉
8, 16, 32
Destination
⇒ Destination
OR
〈ea〉, Dn
Dn,
〈ea〉
8, 16, 32
8, 16, 32
Source V Destination
⇒ Destination
ORI
#
〈data〉, 〈ea〉
8, 16, 32
Immediate Data V Destination
⇒ Destination
TST
〈ea〉
8, 16, 32
Source – 0, to set condition codes
5.3.3.5 SHIFT AND ROTATE INSTRUCTIONS. The arithmetic shift instructions, ASR and
ASL, and logical shift instructions, LSR and LSL, provide shift operations in both
directions. The ROR, ROL, ROXR, and ROXL instructions perform rotate (circular shift)
operations, with and without the extend bit. All shift and rotate operations can be
performed on either registers or memory.
Register shift and rotate operations shift all operand sizes. The shift count may be
specified in the instruction operation word (to shift from 1 to 8 places) or in a register
(modulo 64 shift count).
Memory shift and rotate operations shift word-length operands one bit position only. The
SWAP instruction exchanges the 16-bit halves of a register. Performance of shift/rotate
instructions is enhanced so that use of the ROR and ROL instructions with a shift count of
eight allows fast byte swapping. Table 5-7 is a summary of the shift and rotate operations.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com