Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 162 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 162 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 158Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 159Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 160Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 161Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 162Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 163Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 164Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 165Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 166Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
5- 25
Table 5-7. Shift and Rotate Operations
Instruction
Operand
Syntax
Operand Size
Operation
ASL
Dn, Dn
#
〈data〉, Dn
〈ea〉
8, 16, 32
8, 16, 32
16
X/C
0
ASR
Dn, Dn
#
〈data〉, Dn
〈ea〉
8, 16, 32
8, 16, 32
16
X/C
LSL
Dn, Dn
#
〈data〉, Dn
〈ea〉
8, 16, 32
8, 16, 32
16
X/C
0
LSR
Dn, Dn
#
〈data〉, Dn
〈ea〉
8, 16, 32
8, 16, 32
16
X/C
0
ROL
Dn, Dn
#
〈data〉, Dn
〈ea〉
8, 16, 32
8, 16, 32
16
C
ROR
Dn, Dn
#
〈data〉, Dn
〈ea〉
8, 16, 32
8, 16, 32
16
C
ROXL
Dn, Dn
#
〈data〉, Dn
〈ea〉
8, 16, 32
8, 16, 32
16
X
C
ROXR
Dn, Dn
#
〈data〉, Dn
〈ea〉
8, 16, 32
8, 16, 32
16
X
C
SWAP
Dn
16
MSW
LSW
5.3.3.6 BIT MANIPULATION INSTRUCTIONS. Bit manipulation operations are
accomplished using the following instructions: bit test (BTST), bit test and set (BSET), bit
test and clear (BCLR), and bit test and change (BCHG). All bit manipulation operations
can be performed on either registers or memory. The bit number is specified as immediate
data or in a data register. Register operands are 32 bits long, and memory operands are 8
bits long. Table 5-8 is a summary of bit manipulation instructions.
Table 5-8. Bit Manipulation Operations
Instruction
Operand
Syntax
Operand Size
Operation
BCHG
Dn,
〈ea〉
#
〈data〉, 〈ea〉
8, 32
8, 32
~(
〈bit number〉 of destination) ⇒ Z ⇒ bit of
destination
BCLR
Dn,
〈ea〉
#
〈data〉, 〈ea〉
8, 32
8, 32
~(
〈bit number〉 of destination) ⇒ Z; 0 ⇒ bit of
destination
BSET
Dn,
〈ea〉
#
〈data〉, 〈ea〉
8, 32
8, 32
~(
〈bit number〉 of destination) ⇒ Z; 1 ⇒ bit of
destination
BTST
Dn,
〈ea〉
#
〈data〉, 〈ea〉
8, 32
8, 32
~
(〈bit number〉 of destination) ⇒ Z
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com