Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 7 Page - ams AG

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Datasheet(HTML) 7 Page - ams AG

Back Button TMD3702VC Datasheet HTML 3Page - ams AG TMD3702VC Datasheet HTML 4Page - ams AG TMD3702VC Datasheet HTML 5Page - ams AG TMD3702VC Datasheet HTML 6Page - ams AG TMD3702VC Datasheet HTML 7Page - ams AG TMD3702VC Datasheet HTML 8Page - ams AG TMD3702VC Datasheet HTML 9Page - ams AG TMD3702VC Datasheet HTML 10Page - ams AG TMD3702VC Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
Page 6
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-14
TMD3702VC − Electrical Characteristics
Figure 7:
Operating Characteristics (VDD = 1.8V, TA = 25°C unless otherwise noted)
Note(s):
1. Values are shown at the VDD pin and do not include current through the IR VCSEL.
2. This parameter indicates the supply current during periods of ALS integration. If Wait is enabled (WEN=1), the supply current is
lower during the Wait period.
3. Idle state occurs when PON=1 and all functions are not enabled.
4. Sleep state occurs when PON = 0 and I²C bus is idle. If Sleep state has been entered as the result of operational flow, SAI = 1, PON
will remain high.
5. Digital pins: SDA, SCL, INT are tolerant to a communication voltage up to 3.0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
Oscillator frequency
8.1
MHz
IDD
Supply current (1)
Active ALS State
(PON=AEN=1, PEN=0) (2)
50
105
150
μA
Idle State
(PON=1, AEN=PEN=0) (3)
35
Sleep State (4)
0.54
VOL
INT, SDA output low voltage
6mA sink current
0.6
V
ILEAK
Leakage current, SDA,SCL,INT
-5
5
μA
VIH
SCL, SDA input high voltage (5)
1.26
V
VIL
SCL, SDA input low voltage
0.54
V
TActive
Time from power-on to ready
to receive I²C commands
1.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com