Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 37 Page - ams AG

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Datasheet(HTML) 37 Page - ams AG

Back Button TMD3702VC Datasheet HTML 33Page - ams AG TMD3702VC Datasheet HTML 34Page - ams AG TMD3702VC Datasheet HTML 35Page - ams AG TMD3702VC Datasheet HTML 36Page - ams AG TMD3702VC Datasheet HTML 37Page - ams AG TMD3702VC Datasheet HTML 38Page - ams AG TMD3702VC Datasheet HTML 39Page - ams AG TMD3702VC Datasheet HTML 40Page - ams AG TMD3702VC Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
Page 36
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-14
TMD3702VC − Register Description
CFG6 Register (Address 0xAE)
Figure 56:
CFG6 Register
POFFSETL Register (Address 0xC0)
Figure 57:
POFFSETL Register
POFFSETH Register (Address 0xC1)
Figure 58:
POFFSETH Register
Typically, optical and/or electrical crosstalk negatively
influence proximity operation and results. The
POFFSETL/POFFSETH registers provide a mechanism to remove
system crosstalk from the proximity data. POFFSETL and
POFFSETH contains the magnitude and sign of a value which
adjusts PDATA is generated in the AFE. An offset value in the
range of ± 255 is possible.
Addr: 0xAE
CFG6
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved. Must be set to default value.
6
APC Disable
0
RW
Proximity automatic pulse control (APC) disable.
0 = APC enabled
1 = APC disabled
5:0
Reserved
111111
RW
Reserved. Must be set to default value.
Addr: 0xC0
POFFSETL
Bit
Bit Name
Default
Access
Bit Description
7:0
POFFSETL
0x00
RW
This register contains the magnitude portion of
proximity offset adjust value.
Addr: 0xC1
POFFSETH
Bit
Bit Name
Default
Access
Bit Description
7:1
Reserved
0
RW
Reserved. Must be set to default value.
0POFFSETH
0
RW
This register contains the sign portion of
proximity offset adjust value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com