Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 47 Page - ams AG

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Datasheet(HTML) 47 Page - ams AG

Back Button TMD3702VC Datasheet HTML 43Page - ams AG TMD3702VC Datasheet HTML 44Page - ams AG TMD3702VC Datasheet HTML 45Page - ams AG TMD3702VC Datasheet HTML 46Page - ams AG TMD3702VC Datasheet HTML 47Page - ams AG TMD3702VC Datasheet HTML 48Page - ams AG TMD3702VC Datasheet HTML 49Page - ams AG TMD3702VC Datasheet HTML 50Page - ams AG TMD3702VC Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
Page 46
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-14
TMD3702VC − Soldering & Storage Information
The FN package has been tested and has demonstrated an
ability to be reflow soldered to a PCB substrate.
The solder reflow profile describes the expected maximum heat
exposure of components during the solder reflow process of
product on a PCB. Temperature is measured on top of
component. The components should be limited to a maximum
of three passes through this solder reflow profile.
Figure 71:
Solder Reflow Profile
Note(s):
1. Tolerance for peak profile temperature (TP) is defined as a supplier minimum and a user maximum.
Profile Feature
Preheat/ Soak
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Temperature Min (Tsmin)
100 °C
150 °C
Temperature Max (Tsmax)
150 °C
200 °C
Time (ts) from (Tsmin to Tsmax)
60-120 seconds
60-120 seconds
Ramp-up rate (TL to TP)
3 °C/second max.
3 °C/second max.
Liquidous temperature (TL)
Time (tL) maintained above TL
183 °C
60-150 seconds
217 °C
60-150 seconds
Peak package body temperature (TP)
For users TP must not exceed the
classification temp. of 235 °C
For suppliers TP must equal or
exceed the classification temp
of 235 °C
For users TP must not exceed the
classification temp. of 260 °C
For suppliers TP must equal or
exceed the classification temp of
260 °C
Time (tP)
(1) within 5 °C of the specified
classification temperature (Tc)
20 (1)seconds
30 (1)seconds
Ramp-down rate (TP to TL)
6 °C/second max.
6 °C/second max.
Time 25 °C to peak temperature
6 minutes max.
8 minutes max.
Soldering & Storage
Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com